Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2028 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 14Page - STMicroelectronics TEA2028 Datasheet HTML 15Page - STMicroelectronics TEA2028 Datasheet HTML 16Page - STMicroelectronics TEA2028 Datasheet HTML 17Page - STMicroelectronics TEA2028 Datasheet HTML 18Page - STMicroelectronics TEA2028 Datasheet HTML 19Page - STMicroelectronics TEA2028 Datasheet HTML 20Page - STMicroelectronics TEA2028 Datasheet HTML 21Page - STMicroelectronics TEA2028 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
V.4 - Line saw-tooth generator
Before going through a detailed study of the second
phase locked loop ”
φ2”, let’s have an overview of
the linesaw-tooth generator which has been mainly
implemented for
φ2 phase variations and also the
phase modulation of the switching power supply.
It uses the combination of an external capacitor
connected to Pin 13 and an internally implemented
constant current generatorto generatea saw-tooth
voltage at line frequency.
Its frequency is determined by the reset frequency
of the capacitor ”C13”. This reset signal is issued
by the line logic circuitry at a period multiple of VCO
period (
×32).
-IC =K
⋅ IR =K ⋅
1.26
R14
= 200
µA
-V13PP =
IC
(TH − treset)
C13
=
K
⋅ 1.26(TH − treset)
R14
⋅ C13
= 3.48V
-VCE(SAT)T1
≈ 20mV ⇒ V13(MAX) = 3.5V
- In sync mode :
TH =64
µs, tRESET = 6.5µs, K = 0.527 ± 2%
13
14
xK
IR
R14
3.32k
Ω
C13
3.3nF
Constant
1.26V
IR
IC
V
+
CC
Reset
To
ϕ2
and SMPS
x1
T1
Reset
6.5
µs
64
µs
TH
V13
VPP
3.5
0t
t
Figure 34
0.3
µs
2.35
µs 2.35µs
5.8
µs
6.5
µs
Inhibit ion
Inhibit ion
LINE SYNC .
ϕ1SIGNAL
VIDEO
ON PIN 27
LINE
INHIBITI ON
Figure 32
100
µA
(short)
500
µA
(Long)
ϕ1
&
&
&
Line Sync.
LS
Phase Comparator (
ϕ1)
SINH(S)
INH(L)
S
&
≥ 1
Video Recognition
Mute
FRI
&
FS
Line Inhibition
BLK
VCR
Figure 33 :
ϕ1 Inhibition Logic Block Diagram
TEA2028 - TEA2029 APPLICATION NOTE
18/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com