Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2028 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 39Page - STMicroelectronics TEA2028 Datasheet HTML 40Page - STMicroelectronics TEA2028 Datasheet HTML 41Page - STMicroelectronics TEA2028 Datasheet HTML 42Page - STMicroelectronics TEA2028 Datasheet HTML 43Page - STMicroelectronics TEA2028 Datasheet HTML 44Page - STMicroelectronics TEA2028 Datasheet HTML 45Page - STMicroelectronics TEA2028 Datasheet HTML 46Page - STMicroelectronics TEA2028 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
The bias voltage ”VB” is supplied by the secondary
winding of EHT transformer. The parabolic effect is
due to the integration of frame saw-tooth by the
filtering capacitor ”C1”.
DVB =
IY
⋅ T
8
⋅ C1
= 0.95V
Where :
-IY : Peak-to-peak yoke current = 380mApp
- T : 20ms
- C1 = 1000
µF
VIII.5 - Frame Flyback
During flyback, due to the loop time constant, the
frame yoke current cannot be locked onto the
reference saw-tooth. Thus the output of amplifier
”A” will remain high and the thyristor is blocked.
The scanning current will begin flowing through
diode ”D”. As a consequence, the capacitor ”C”
starts charging up to the flyback voltage. The thyris-
tor is triggered as soon as the yoke current reaches
the maximum positive value.
EHT transformer winding (see Figure 88)
(for 90
o tube : Yoke ⇒ L = 120mH, rY =60Ω)
VIII.6 - Feed-back Circuit
VIII.6.1 - Frame power in quasi-bridge configu-
ration (see Figure 89)
This stage measures the frame scanning current in
differential mode and compares it to the reference
saw-tooth on Pin 3.
The overall configuration is built around two sym-
metrical networks :
-”R1,R2,R3” network : determines the dynamic
saw-tooth voltage
- ”R’1,R’2,R’3” network : sets the bias voltage and
the d.c. shift control.
A.C. gain : G =
R2
R1
=
IY
VIN
⋅ α ⋅ RM
where :
-IY : Peak-to-peak Yoke Current
-VIN : Peak-to-peak saw-tooth voltage (Pin 3)
-
α ∈ [0,1] : amplitude adjustment
VIII.6.1.1 - Choice of ”R” value
The saw-tooth generator output is an emitter fol-
lower stage. Pin 3 output current must therefore be
always negative.
R<< R1
VIN(Min.)
VBIAS − VIN(Min.)
Where :
-VBIAS : Bias voltage for Pins 1 and 2
-VIN(MIN) : Saw-tooth voltage low level
Example :
- R1 = 22k
Ω
⇒ R ≈
R1
10
-VBIAS =5V
-VIN(Min.) = 1.26V
VIII.6.1.2 - Influence of R3 value
R3 sets the bias voltage for Pins 1 and 2. This
voltage should be lower than 5.5V so as to enable
the frame to function upon initial start-up at
VCC =6V.
If the bias voltage is higher than this 5.5V level, the
d.c. open-loop gain will fall thereby rendering the
system more sensitive to d.c. drift.
Satisfactory results are obtained at VBIAS values
falling within 4V to 5V range.
R3 = R2
VBIAS
VB [VIN(MEAN) ⋅ G] − VBIAS [1 − G]
Where : VIN(MEAN) : saw-tooth mean value (Pin 3)
Capacitor ”C” connected between Pins 1 and 2
determines the system stability. Its value must be
appropriately calculated as a function of ”R1,R2
and R3” values so as to reject the line frequency
component.
VLF
C
VB
Load
Yoke
I
I
DIODE
THYRISTOR
L
- VLF = 210VPP
- IYOKE = 380mAPP
- L = 500
µH
- C = 0.47
µF
- VLF
≈ 9.2 IY(PP) ⋅ rY
- Flyback duration = 1ms
Figure 88
TEA2028 - TEA2029 APPLICATION NOTE
43/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com