Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2028 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 17Page - STMicroelectronics TEA2028 Datasheet HTML 18Page - STMicroelectronics TEA2028 Datasheet HTML 19Page - STMicroelectronics TEA2028 Datasheet HTML 20Page - STMicroelectronics TEA2028 Datasheet HTML 21Page - STMicroelectronics TEA2028 Datasheet HTML 22Page - STMicroelectronics TEA2028 Datasheet HTML 23Page - STMicroelectronics TEA2028 Datasheet HTML 24Page - STMicroelectronics TEA2028 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
V.5.2.2 - Low-pass filter f(p)
The horizontal phase-shift adjustment is taken into
account : see Figure 39
- Filter V = f(i) transfer characteristic is given as :
V = Zi +
Z
R
⋅ K ⋅ VCC -Z ⋅ IIN
Where :
• Z= RIN // R //
1
C
p
• RIN,IIN : modulator input characteristics
16
R IN
IIN
Phase Modulator
V
VCC
+
C
P
KVCC
Horizontal
Phase
Adjust
R
i
ϕ2
Comparator
Figure 39
In Dynamic Mode
-V = Zi
⇒ f(p) =
V
i
= Z(p) =
R
1
+τp
Where :
• R’ = RIN // R (R >> Potentiometer P)
• τ = R’ . C : Filter time constant
The network behaves as a first order low-pass filter
whose cut-off frequency at -3dB is : f-3dB =
1
2
πR′C
Filter component values
- R = 470k
Ω and C = 22nF
• In practice, (K ∈ [0,1]) VCC = 12V
-RIN = 25M
Ω ,IIN = 0.65µA (base input current)
• F−3db = 15.7Hz with adjustment and 0.3Hz with-
out adjustment
V.5.2.3 - Phase modulator
This is built around a comparator which converts
the filter voltage to a rectangular waveform such
that its rising edge phase, variable as a function of
filter voltage ”V”, will trigger the line transistor turn-
off control circuitry.
The conversion gain is determined by the slope of
the line saw-tooth applied to comparator.
16
t’OUT
V’OUT
V
V13 (t)
Figure 40
V13 (t)
t 1
= f(v)
t
2
V’OUT
Vϕ2
t D
t’OUT
t OUT
=0
t IN
3.5V
0
Line Output
Signal (Pin 10)
Line Flyback
(LF)
V
tIN(ϕ2)
TH
T
10 = constant
Figure 41
Transfer characteristic is given by :
∆t′OUT
V
=
∆t13
V13
= B = 16.4
µs/V therefore t2 = B.V
Let’s consider the delay interval between ”tOUT
and the reference time ”tIN
where tOUT is the middle of line flyback :
tOUT -tIN =t2 +td +t1 -tH
Where :
- t1 = 4.3
µs
Reset for V13 and Vφ2 are signals coming from line
logic block and are synchronized on line sync
-td = 2 to 15
µs
Delay between leading edge of output signal -
Pin 10 - and the middle of line flyback
-tH =64
µs
-tOUT -tIN = B.V + td - 59.7
µs
V.5.2.4 - Line flip-flop (TEA2028 only for TEA2029
refer to Section VII.6)
It generates a constant duration rectangular signal
used to turn-off the line transistor. It is triggered by
the rising-edge of the phase comparator output
voltage and reset after capacitor on pin 1 is
charged.
TEA2028 - TEA2029 APPLICATION NOTE
21/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com