Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2028 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 25Page - STMicroelectronics TEA2028 Datasheet HTML 26Page - STMicroelectronics TEA2028 Datasheet HTML 27Page - STMicroelectronics TEA2028 Datasheet HTML 28Page - STMicroelectronics TEA2028 Datasheet HTML 29Page - STMicroelectronics TEA2028 Datasheet HTML 30Page - STMicroelectronics TEA2028 Datasheet HTML 31Page - STMicroelectronics TEA2028 Datasheet HTML 32Page - STMicroelectronics TEA2028 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
16 .6 6ms
20ms
50 H z
Sync
60H z
Sync
15. 7 73m s
1 7. 696ms
1 9.744m s 2 0. 12 8ms
L 247
L 27 7
L309
L315
WR(60Hz)
WR(50Hz)
Figure 57
V.6.3.1 - 50/60Hz Standard recognition
This function is performed by two shift registers
which are loaded by sync pulses (if present) and if
these pulses fall within the time interval specific to
each standard. These intervals are called ”Register
Windows” and labeled ”WR(50)” and WR(60).
A. 50Hz STANDARD RECOGNITION
This identification is considered valid if two suces-
sive sync pulses applied to 50Hz shift register fall
within the 50Hz window ”WR(50)”. At the time of
synchronization capture, the first pulse will reset
the counters. The second pulse, if present, will
then trigger the 50Hz identification 20ms later
[ID(50) = 1].
The identification is not valid if two sucessive 50Hz
pulses are not detected. Identification signal is also
used to reduce the vertical synchronization window
in 50Hz standard thereby offering excellent noise
immunity against noise susceptible to be present
in sync signal and hence good display stability.
B. - 60Hz STANDARD RECOGNITION
This identification is validated after three sucessive
sync pulses at 16.6
µs period have been detected.
Three pulses are necessary to ascertain the iden-
tification prior to switching the saw-tooth amplitude.
The identification signal [ID(60) = 1] is also used to
reduce the synchronization window and, in case of
one or two missing pulses close to 60Hz, to set the
free-running frequency.
V.6.3.2 - Vertical synchronization window -
Free-running period
In the absence of sync pulse various free-running
periods are specified. Since vertical scanning must
be always active, these free-running periods must
be higher than those of 50 and 60Hz standards so
as to ensure synchronization.
An other window, allowing synchronization only at
the end of scanning, is also necessary. Upon syn-
chronization, this window will allow vertical flyback
only at the bottom of screen. This window should
be narrow for good noise immunity but also wide
enough to yield, upon synchronization, a capture
time unperceptible on screen.
In our case, as long as no standard identification
takes place the window will remain wide, and once
one of the standards has been identified, the win-
dow will be considerably reduced.
In VCR mode, this window will be always wide since
frame frequencies delivered in high-speed search,
slow review and picture pause modes are very
much variable and must be taken into considera-
tion.
In the absence of transmission (Mute = 0), synchro-
nization is disabled (so as to avoid incorrect syn-
chronization due to noise) and the free-running
frequency is around 50Hz. This will eliminate the
occurrence of picture overlay at the end of trace at
a lower free-running frequency.
Register’s
Window
L247
L277
L309 L315
L361
50Hz
60Hz
Free-running Period
Reset
Reset
Reset
Reset
WR(60)
WR(50)
WR(WIDE)
WR =0
Mute = 1
Mute = 1
Mute = 1
No Transmission
(Mute = 0)
50Hz Standard
60Hz Standard
ID60 =1
ID50 =1
ID50 =0, ID60 =0
or VCR Mode
Figure 58 : Definition of Synchronization Windows and Free-running Periods
TEA2028 - TEA2029 APPLICATION NOTE
29/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com