Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16300/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16300/PCBZ
Description  Four Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16300/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADIS16300
Rev. 0 | Page 11 of 16
()
()
/sec
60.3
1206
/sec
0.05
Rate
LSB
1206
0x04B6
6
16
11
256
4
0x04B6
0x33B4A
0x000
°
−
=
−
×
°
=
−
=
−
+
×
+
×
−
=
−
=
−
OUTPUT DATA REGISTERS
Figure 6 provides the positive measurement direction for each
inertial sensor (gyroscope and accelerometers). Table 9 provides
the configuration and scale factor for each output data register
in the ADIS16300. All inertial sensor outputs are 14-bits in
length and are in twos complement format, which means that
0x0000 is equal to 0 LSB, 0x0001 is equal to +1 LSB, and 0x3FFF
is equal to −1 LSB. The following is an example of how to
calculate the sensor measurement from the GYRO_OUT:
0x3B4A
GYRO_OUT
=
Therefore, a GYRO_OUT output of 0x3B4A corresponds to a
clockwise rotation about the z-axis (see Figure 6) of 60.3°/sec
when looking at the top of the package.
Table 9. Output Data Register Formats
Register
Bits
Format
Scale
SUPPLY_OUT
12
Binary, 5 V = 0x0814
2.42 mV
GYRO_OUT1
14
Twos complement
0.05°/sec
XACCL_OUT
14
Twos complement
0.6 mg
YACCL_OUT
14
Twos complement
0.6 mg
ZACCL_OUT
14
Twos complement
0.6 mg
TEMP_OUT
12
Twos complement
25°C = 0x0000
0.14°C
ROLL_OUT
13
Twos complement
0.044°
PITCH_OUT
13
Twos complement
0.044°
AUX_ADC
12
Binary, 1 V = 0x04D9
0.81 mV
1 Assumes that the scaling is set to ± 300°/sec. This factor scales with the range.
Each output data register uses the bit assignments shown in
Figure 13. The ND flag indicates that unread data resides in the
output data registers. This flag clears and returns to 0 during an
output register read sequence. It returns to 1 after the next
internal sample updates the registers with new data. The EA flag
indicates that one of the error flags in the DIAG_STAT register
(see Table 21) is active (true). The remaining 14-bits are for data.
MSB FOR 14-BIT OUTPUT
MSB FOR 12-BIT OUTPUT
ND EA
Figure 13. Output Register Bit Assignments
Inclinometers
The ROLL_OUT and PITCH_OUT registers provide a tilt angle
calculation, based on the accelerometers. The zero reference is
the point at which the z-axis faces gravity for a north-east-down
(NED) configuration.
()⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛
+
−
=
⎟
⎠
⎜
⎝
φ
φ
cos
_
)
sin(
_
_
tan
_
_
x
OUT
ZACCL
x
OUT
YACCL
OUT
XACCL
a
OUT
PITCH
OUT
ZACCL
=
⎟
⎞
⎜
⎛
=
φ
_
tan
_
OUT
YACCL
a
OUT
ROLL
Auxiliary ADC
The AUX_ADC register provides access to the auxiliary ADC
input channel. The ADC is a 12-bit successive approximation
converter, which has an equivalent input circuit to the one in
Figure 14. The maximum input range is +3.3 V. The ESD
protection diodes can handle 10 mA without causing
irreversible damage. The switch on-resistance (R1) has a typical
value of 100 Ω. The sampling capacitor, C2, has a typical value
of 16 pF.
V
C2
C1
R1
CC
D
D
Figure 14. Equivalent Analog Input Circuit
(Conversion Phase: Switch Open,
Track Phase: Switch Closed)
CALIBRATION
Manual Bias Calibration
The bias offset registers in Table 10 and Table 11 provide a manual
adjustment function for the output of each sensor. For example,
if GYRO_OFF equals 0x1FF6, the GYRO_OUT offset shifts by
−10 LSBs, or −0.125°/sec. The DIN command for the upper
byte is DIN = 0x9B1F; for the lower byte, DIN = 0x9AF6.
Table 10. GYRO_OFF
Bits
Description
[15:13]
Not used.
[12:0]
Data bits. Twos complement, 0.0125°/sec per LSB.
Typical adjustment range = ±50°/sec.
Table 11. XACCL_OFF, YACCL_OFF, ZACCL_OFF
Bits
Description
[15:12]
Not used.
[11:0]
Data bits, twos complement 0.6 mg/LSB.
Typical adjustment range = ±1.2 g.
Gyroscope Automatic Bias Null Calibration
Set GLOB_CMD[0] = 1 (DIN = 0xBE01) to execute this function,
which measures GYRO_OUT and then loads GYRO_OFF with
the opposite value to provide a quick bias calibration. Then, all
sensor data resets to zero, and the flash memory updates
automatically (50 ms). See Table 12.
Gyroscope Precision Automatic Bias Null Calibration
Set GLOB_CMD[4] = 1 (DIN = 0xBE10) to execute this function,
which takes the sensor offline for 30 seconds while it collects a
set of GYRO_OUT data and calculates a more accurate bias
correction factor. Once calculated, the correction factor loads
into GYRO_OFF, all sensor data resets to zero, and the flash
memory updates automatically (50 ms). See Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com