Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16300/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16300/PCBZ
Description  Four Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16300/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADIS16300
Rev. 0 | Page 12 of 16
Restoring Factory Calibration
Set GLOB_CMD[1] = 1 (DIN = 0xBE02) to execute this function,
which resets each user calibration register (see Table 10 and
Table 11) to 0x0000, resets all sensor data to zero, and auto-
matically updates the flash memory (50 ms). See Table 12.
Linear Acceleration Bias Compensation (Gyroscope)
Set MSC_CTRL[7] = 1 (DIN = 0xB486) to enable correction for
low frequency acceleration influences on gyroscope bias. Note
that the DIN sequence also preserves the factory default condi-
tion for the data ready function (see Table 17).
OPERATIONAL CONTROL
Global Commands
The GLOB_CMD register provides trigger bits for several useful
functions. Setting the assigned bit to 1 starts each operation,
which returns to the bit to 0 after completion. For example, set
GLOB_CMD[7] = 1 (DIN = 0xBE80) to execute a software
reset, which stops the sensor operation and runs the device
through its start-up sequence. This includes loading the control
registers with their respective flash memory locations prior to
producing new data. Reading the GLOB_CMD registers (DIN =
0x3E00) starts the burst mode read sequence.
Table 12. GLOB_CMD
Bits
Description
[15:8]
Not used
[7]
Software reset command
[6:5]
Not used
[4]
Precision autonull command
[3]
Flash update command
[2]
Auxiliary DAC data latch
[1]
Factory calibration restore command
[0]
Autonull command
Internal Sample Rate
The ADIS16300 performs best when the sample rate is set to the
factory default setting of 819.2 SPS. For applications that value
lower sample rates, the SMPL_PRD register controls the
ADIS16300 internal sample (see Table 13), and the following
relationship produces the sample rate:
tS = tB × NS + 1
Table 13. SMPL_PRD
Bit
Description
[15:8]
Not used
[7]
Time base (tB)
0 = 0.61035 ms, 1 = 18.921 ms
[6:0]
Increment setting (NS)
Internal sample period = tS = tB × NS + 1
For example, set SMPL_PRD[7:0] = 0x0A (DIN = 0xB60A) for
an internal sample period of 6.7 ms (sample rate = 149 SPS).
For systems that value lower sample rates, in-system character-
ization can help determine performance trade-offs.
Power Management
Setting SMPL_PRD ≥ 0x0A also sets the sensor in low power
mode. In addition to sensor performance, this mode also affects
SPI data rates (see Table 2). Two sleep mode options are listed
in Table 14. Set SLP_CNT[8] = 1 (DIN = 0xBB01) to start the
indefinite sleep mode, which requires CS assertion (high to
low), reset, or power cycle to wake-up. Set SLP_CNT[7:0] =
0x64 (DIN = 0xBA64) to put the ADIS16300 to sleep for 100
seconds, as an example of the programmable sleep time option.
Table 14. SLP_CNT
Bit
Description
[15:9]
Not used
[8]
Indefinite sleep mode, set to 1
[7:0]
Programmable time bits, 0.5 sec/LSB
Digital Filtering
The signal conditioning circuit of each sensor has a typical
analog bandwidth of 350 Hz. A programmable Bartlett window
FIR filter provides an opportunity for additional noise reduction
on all output data registers. SENS_AVG[2:0] controls the
number of taps according to the equation in Table 15. For
example, set SENS_AVG[2:0] = 110 (DIN = 0xB806) to
establish a 129-tap setting.
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS)
N = 5
N = 9
N = 33
N = 129
Figure 15. Bartlett Window FIR Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com