Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16300/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16300/PCBZ
Description  Four Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16300/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Four Degrees of Freedom Inertial Sensor
ADIS16300
Rev. 0
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
14-bit digital gyroscope with digital range scaling
±75°/sec, ±150°/sec, ±300°/sec settings
Tri-axis, 14-bit digital accelerometer
±3 g measurement range
13-bit pitch and roll incline calculations
330 Hz bandwidth
150 ms start-up time
Factory-calibrated sensitivity, bias, and axial alignment
Digitally controlled bias calibration
Digitally controlled sample rate, up to 819.2 SPS
External clock input enables sample rates up to 1200 SPS
Digitally controlled filtering
Programmable condition monitoring
Auxiliary digital input/output
Digitally activated self-test
Programmable power management
Embedded temperature sensor
SPI-compatible serial interface
Auxiliary, 12-bit ADC input and DAC output
Single-supply operation: 4.75 V to 5.25 V
2000 g shock survivability
Operating temperature range: −40°C to +85°C
APPLICATIONS
Medical instrumentation
Robotics
Platform control
Navigation
FUNCTIONAL BLOCK DIAGRAM
A
MEMS
ANGULAR RATE
SENSOR
TEMPERATURE
SENSOR
SIGNAL
CONDITIONING
AND
CONVERSION
CALIBRATION
AND
DIGITAL
PROCESSING
DIGITAL
CONTROL
POWER
MANAGEMENT
OUTPUT
REGISTERS
AND SPI
INTERFACE
UX_
ADC
AUX_
DAC
RST
CS
SCLK
DIN
DOUT
TRI-AXIS MEMS
ACCELERATION
SENSOR
VCC
GND
DIO4
SELF-TEST
ADIS16300
ALARMS
DIO3
DIO2
DIO1
Figure 1.
GENERAL DESCRIPTION
The ADIS16300 iSensor® is a complete inertial system that
includes a yaw rate gyroscope and tri-axis accelerometer. Each
sensor in the ADIS16300 combines industry-leading iMEMS®
technology with signal conditioning that optimizes dynamic
performance. The factory calibration characterizes each sensor
for sensitivity, bias, alignment, and linear acceleration (gyro bias).
As a result, each sensor has its own dynamic compensation for
correction formulas that provide accurate sensor measurements
over the specified power supply range of +4.75 V to +5.25 V.
The ADIS16300 provides a simple, cost-effective method for
integrating accurate, multi-axis, inertial sensing into industrial
systems, especially when compared with the complexity and
investment associated with discrete designs. All necessary
motion testing and calibration are part of the production
process at the factory, greatly reducing system integration time.
Tight orthogonal alignment simplifies inertial frame alignment
in navigation systems. An improved SPI interface and register
structure provide faster data collection and configuration control.
The ADIS16300, along with a flex interface, drops into current
systems that use the ADIS1635x family, providing the opportunity
to scale cost for systems that only require four degrees of
freedom inertial sensing. This compact module is approximately
23 mm × 31 mm × 7.5 mm and provides a standard connector
interface, which enables horizontal or vertical mounting.


Similar Part No. - ADIS16300/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16300PCBZ AD-ADIS16300PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16300/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16305 AD-ADIS16305 Datasheet
422Kb / 20P
Precision Four Degrees of Freedom Sensor
REV. 0
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
Six Degrees of Freedom Inertial Sensor
1/2021-Revision 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
8/2020-Rev. A to Rev. B
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
7/2019-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com