Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16300/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16300/PCBZ
Description  Four Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16300/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16300
Rev. 0 | Page 14 of 16
DIAGNOSTICS
Self-Test
Self-test offers the opportunity to verify the mechanical
integrity of each MEMS sensor. It applies an electrostatic force
to each sensor element, which results in mechanical displace-
ment that simulates a response to actual motion. Table 1 lists
the expected response for each sensor, which provides pass/fail
criteria. Set MSC_CTRL[10] = 1 (DIN = 0xB504) to run the
internal self-test routine, which exercises all inertial sensors,
measures each response, makes pass/fail decisions, and reports
them to error flags in the DIAG_STAT register. MSC_CTRL[10]
resets itself to 0 after completing the routine. MSC_CTRL[9:8]
(DIN = 0xB502 or 0xB501) provides manual control over the
self-test function. Table 20 gives an example test flow for using
this option.
Table 20. Manual Self-Test Example Sequence
DIN
Description
0xB601
SMPL_PRD[7:0] = 0x01, sample rate = 819.2 SPS.
0xB904
SENS_AVG[15:8] = 0x04, gyro range = ±300°/sec.
0xB802
SENS_AVG[7:0] = 0x02, 4-tap averaging filter.
Delay = 50 ms.
0x0400
Read GYRO_OUT.
0x0600
Read XACCL_OUT.
0x0800
Read YACCL_OUT.
0x0A00
Read ZACCL_OUT.
0xB502
MSC_CTRL[9] = 1, gyroscope negative self-test.
Delay = 50 ms.
0x0400
Read GYRO_OUT.
Determine whether the bias in the gyroscope
output changes according to the expectation set
in Table 2.
0xB501
MSC_CTRL[9:8] = 01, gyroscope/accelerometer
positive self-test.
Delay = 50 ms.
0x0400
Read GYRO_OUT.
0x0600
Read XACCL_OUT.
0x0800
Read YACCL_OUT.
0x0A00
Read ZACCL_OUT
Determine whether the bias in the gyroscope and
accelerometers changed according to the expect-
ation set in Table 2.
0xB500
MSC_CTRL[15:8] = 0x00.
Zero motion provides results that are more reliable. The settings
in Table 20 are flexible and provide opportunity for optimization
around speed and noise influence. For example, lowering the
filtering taps enables lower delay times but increases the oppor-
tunity for noise influence.
Memory Test
Setting MSC_CTRL[11] = 1 (DIN = 0xB508) does a check-sum
verification of the flash memory locations. The pass/fail criteria
load into the DIAG_STAT[6] register.
Status
The error flags provide indicator functions for common system
level issues. All of the flags clear (set to 0) after each DIAG_STAT
register read cycle. If an error condition remains, the error flag
returns to 1 during the next sample cycle. DIAG_STAT[1:0]
does not require a read of this register to return to zero. If the
power supply voltage goes back into range, these two flags clear
automatically.
Table 21. DIAG_STAT Bit Descriptions
Bit
Description
[15]
Z-axis accelerometer self-test failure
1 = error condition, 0 = normal operation
[14]
Y-axis accelerometer self-test failure
1 = error condition, 0 = normal operation
[13]
X-axis accelerometer self-test failure
1 = error condition, 0 = normal operation
[12:11]
Not used
[10]
Gyroscope self-test failure
1 = error condition, 0 = normal operation
[9]
Alarm 2 status
1 = active, 0 = inactive
[8]
Alarm 1 status
1 = active, 0 = inactive
[7]
Not used
[6]
Flash test, check-sum flag
1 = failure, 0 = normal operation
[5]
Self-test diagnostic error flag
1 = error condition, 0 = normal operation
[4]
Sensor overrange
1 = error condition, 0 = normal operation
[3]
SPI communications failure
1 = error condition, 0 = normal operation
[2]
Flash update failed
1 = error condition, 0 = normal operation
[1]
Power supply above 5.25 V
1 = power supply ≥ 5.25 V, 0 = power supply ≤ 5.25 V
[0]
Power supply below 4.75 V
1 = power supply ≤ 4.75 V, 0 = power supply ≥ 4.75 V
Alarm Registers
The alarm function provides monitoring for two independent
conditions. The ALM_CTRL register provides control inputs
for data source, data filtering (prior to comparison), static
comparison, dynamic rate-of-change comparison, and output
indicator configurations. The ALM_MAGx registers establish the
trigger threshold and polarity configurations.
Table 25 gives an example of how to configure a static alarm.
The ALM_SMPLx registers provide the numbers of samples to
use in the dynamic rate-of-change configuration. The period
equals the number in the ALM_SMPLx register, multiplied by
the sample period time, established by the SMPL_PRD register.
See Table 26 for an example of how to configure the sensor for
this type of function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com