Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16300/PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16300/PCBZ
Description  Four Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300/PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16300/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADIS16300
Rev. 0 | Page 13 of 16
Dynamic Range
There are three dynamic range settings for the gyroscope:
±75°/sec, ±150°/sec, and ±300°/sec. The lower dynamic range
settings (±75°/sec and ±150°/sec) limit the minimum filter tap
sizes to maintain the resolution as the measurement range
decreases. The recommended order for programming the
SENS_AVG register is upper byte (sensitivity), followed by
lower byte (filtering). For example, set SENS_AVG[10:8] = 010
(DIN = 0xB902) for a measurement range to ±150°/sec.
Table 15. SENS_AVG
Bits
Value
Description
[15:11]
Not used
[10:8]
Measurement range (sensitivity) selection
100
±300°/sec (default condition)
010
±150°/sec, filter taps ≥ 4 (Bits[2:0] ≥ 0x02)
001
±75°/sec, filter taps ≥ 16 (Bits[2:0] ≥ 0x04)
[7:3]
Not used
[2:0]
Filter tap setting, number of taps
N = 2M+1 for M > 0, N = 1 for M = 0
INPUT/OUTPUT FUNCTIONS
General-Purpose I/O
DIO1, DIO2, DIO3, and DIO4 are configurable, general-purpose
I/O lines that serve multiple purposes according to the following
control register priority: MSC_CTRL, ALM_CTRL, and
GPIO_CTRL. For example, set GPIO_CTRL = 0x080C (DIN =
0xB508, then 0xB40C) to set DIO1 and DIO2 as inputs and
DIO3 and DIO4 as outputs, with DIO3 set low and DIO4 set high.
Table 16. GPIO_CTRL
Bit
Description
[15:12]
Not used
[11]
General-Purpose I/O Line 4 (DIO4) data level
[10]
General-Purpose I/O Line 3 (DIO3) data level
[9]
General-Purpose I/O Line 2 (DIO2) data level
[8]
General-Purpose I/O Line 1 (DIO1) data level
[7:4]
Not used
[3]
General-Purpose I/O Line 4 (DIO4), direction control
1 = output, 0 = input
[2]
General-Purpose I/O Line 3 (DIO3), direction control
1 = output, 0 = input
[1]
General-Purpose I/O Line 2 (DIO2), direction control
1 = output, 0 = input
[0]
General-Purpose I/O Line 1 (DIO1), direction control
1 = output, 0 = input
Input Clock Configuration
The input clock configuration function allows for external
control over sampling in the ADIS16300. Set GPIO_CTRL[3] =
0 (DIN = 0x0B200) and SMPL_PRD[7:0] = 0x00 (DIN =
0xB600) to enable this function. See Table 2 and Figure 4 for
timing information.
Data Ready I/O Indicator
The factory default sets DIO1 as a positive data ready indicator
signal. The MSC_CTRL[2:0] register provides configuration
options for changing this. For example, set MSC_CTRL[2:0] =
100 (DIN = 0xB404) to change the polarity of the data ready
signal for interrupt inputs that require negative logic inputs for
activation. The pulse width will be between 100 μs and 200 μs
over all conditions.
Table 17. MSC_CTRL
Bits
Description
[15:12]
Not used
[11]
Memory test (clears on completion)
1 = enabled, 0 = disabled
[10]
Internal self-test enable (clears on completion)
1 = enabled, 0 = disabled
[9]
Manual self-test, negative stimulus
1 = enabled, 0 = disabled
[8]
Manual self-test, positive stimulus
1 = enabled, 0 = disabled
[7]
Linear acceleration bias compensation for gyroscopes
1 = enabled, 0 = disabled
[6]
Linear accelerometer origin alignment
1 = enabled, 0 = disabled
[5:3]
Not used
[2]
Data ready enable
1 = enabled, 0 = disabled
[1]
Data ready polarity
1 = active high, 0 = active low
[0]
Data ready line select
1 = DIO2, 0 = DIO1
Auxiliary DAC
The 12-bit AUX_DAC line can drive its output to within 5 mV
of the ground reference when it is not sinking current. As the
output approaches 0 V, the linearity begins to degrade (~100 LSB
beginning point). As the sink current increases, the nonlinear
range increases. The DAC latch command moves the values of
the AUX_DAC register into the DAC input register, enabling
both bytes to take effect at the same time.
Table 18. AUX_DAC
Bit
Description
[15:12]
Not used
[11:0]
Data bits, scale factor = 0.8059 mV/code
Offset binary format, 0 V = 0 codes
Table 19. Setting AUX_DAC = 1V
DIN
Descripition
0XB0D9
AUX_DAC[7:0] = 0xD9 (217 LSB).
0xB104
AUX_DAC[15:8] = 0x04 (1024 LSB).
0xBE04
GLOB_CMD[2] = 1.
Move values into the DAC input register, resulting
in a 1 V output level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com