Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16300/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16300/PCBZ
Description  Four Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16300/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16300/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADIS16300
Rev. 0 | Page 15 of 16
Table 22. ALM_MAG1, ALM_MAG2
Bit
Description
[15]
Comparison polarity
1 = greater than, 0 = less than
[14]
Not used
[13:0]
Data bits that match the format of the trigger source
selection
Table 23. ALM_SMPL1, ALM_SMPL2
Bit
Description
[15:8]
Not used
[7:0]
Data bits: number of samples (both 0x00 and 0x01 = 1)
Table 24. ALM_CTRL Bit Designations
Bits
Value
Description
[15:12]
Alarm 2 source selection
0000
Disable
0001
Power supply output
0010
Gyroscope output
0011
Not used
0100
Not used
0101
X-axis accelerometer output
0110
Y-axis accelerometer output
0111
Z-axis accelerometer output
1000
Gyroscopes temperature output
1001
X-axis inclinometer output
1010
Y- axis inclinometer output
1011
Auxiliary ADC input
[11:8]
Alarm 1 source selection (same as Alarm 2)
[7]
Rate of change (ROC) enable for Alarm 2
1 = rate of change, 0 = static level
[6]
Rate of change (ROC) enable for Alarm 1
1 = rate of change, 0 = static level
[5]
Not used
[4]
Comparison data filter setting1
1 = filtered data, 0 = unfiltered data
[3]
Not used
[2]
Alarm output enable
1 = enabled, 0 = disabled
[1]
Alarm output polarity
1 = active high, 0 = active low
[0]
Alarm output line select
1 = DIO2, 0 = DIO1
1 Incline outputs always use filtered data in this comparison.
Table 25. Alarm Configuration Example 1
DIN
Description
0xAF55
0xAE17
ALM_CTRL = 0x5517.
Alarm 1 input = XACCL_OUT.
Alarm 2 input = XACCL_OUT.
Static level comparison, filtered data.
DIO2 output indicator, positive polarity.
0xA783
0xA641
ALM_MAG1 = 0x8341.
Alarm 1 is true if XACCL_OUT > 0.5 g.
0xA93C
0xA8BF
ALM_MAG2= 0x3CBF.
Alarm 2 is true if XACCL_OUT < −0.5 g.
Table 26. Alarm Configuration Example 2
DIN
Description
0xAF76
0xAE87
ALM_CTRL = 0x7687.
Alarm 1 input = ZACCL_OUT.
Alarm 2 input = YACCL_OUT.
Rate of change comparison, unfiltered data.
DIO2 output indicator, positive polarity.
0xB601
SMPL_PRD = 0x0001.
Sample rate = 819.2 SPS.
0xAB08
ALM_SMPL1 = 0x0008.
Alarm 1 rate of change period = 9.77 ms.
0xAC50
ALM_SMPL2= 0x0050.
Alarm 2 rate of change period = 97.7 ms.
0xA783
0xA641
ALM_MAG1 = 0x8341.
Alarm 1 is true if XACCL_OUT > 0.5 g.
0xA93C
0xA8BE
ALM_MAG2= 0x3CBE.
Alarm 2 is true if XACCL_OUT < −0.5 g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com