Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 10Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 11Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 12Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
16-BIT SERIAL WORD
A1
A0
C1
C0
D11................D0
MSB
LSB
FUNCTION
0
0
1
1
0
1
0
1
0
0
0
0
1
1
1
1
12-bit DAC data
12-bit DAC data
12-bit DAC data
12-bit DAC data
Load input register A; DAC registers unchanged.
Load input register B; DAC registers unchanged.
Load input register C; DAC registers unchanged.
Load input register D; DAC registers unchanged.
0
0
1
1
0
1
0
1
1
1
1
1
1
1
1
1
12-bit DAC data
12-bit DAC data
12-bit DAC data
12-bit DAC data
Load input register A; all DAC registers updated.
Load input register B; all DAC registers updated.
Load input register C; all DAC registers updated.
Load input register D; all DAC registers updated.
0
1
0
0
XXXXXXXXXXXX
Update all DAC registers from their respective input registers (startup).
1
0
0
0
12-bit DAC data
Load all DAC registers from shift register (startup).
1
1
0
0
XXXXXXXXXXXX
Shutdown (provided
PDL = 1)
0
0
1
0
XXXXXXXXXXXX
UPO goes low (default)
0
1
1
0
XXXXXXXXXXXX
UPO goes high
0
0
0
0
XXXXXXXXXXXX
No operation (NOP) to DAC registers
1
1
1
0
XXXXXXXXXXXX
Mode 1, DOUT clocked out on SCLK’s rising edge. All DAC registers updated.
1
0
1
0
XXXXXXXXXXXX
Mode 0, DOUT clocked out on SCLK’s falling edge. All DAC registers updated
(default).
Table 1. Serial-Interface Programming Commands
Figure 5 shows the serial-interface timing requirements.
The
CS input must be low to enable the DAC’s serial
interface. When
CS is high, the interface control circuitry
is disabled.
CS must go low for at least tCSS before the
rising serial clock (SCLK) edge to properly clock in the
first bit. When
CS is low, data is clocked into the internal
shift register through the serial data input (DIN) on the
rising edge of SCLK. The maximum guaranteed clock
frequency is 10MHz. Data is latched into the appropriate
input/DAC registers on the rising edge of
CS.
The programming command “load-all-dacs-from-shift-
register” allows all input and DAC registers to be simul-
taneously loaded with the same digital code from the
input shift register. The no operation (NOP) command
leaves the register contents unaffected. This feature is
used in a daisy-chain configuration (see the
Daisy
Chaining Devices section).
The command to change the clock edge on which seri-
al data is shifted out of DOUT also loads data from all
input registers to their respective DAC registers.
Serial-Data Output (DOUT)
The serial-data output, DOUT, is the internal shift regis-
ter’s output. The MAX5500/MAX5501 can be pro-
grammed so that data is clocked out of DOUT on the
rising edge of SCLK (mode 1) or the falling edge (mode
0). In mode 0, output data at DOUT lags input data at
DIN by 16.5 clock cycles, maintaining compatibility with
MICROWIRE, SPI/QSPI, and other serial interfaces. In
mode 1, output data lags input data by 16 clock cycles.
On power-up, DOUT defaults to mode 0 timing.
User-Programmable Logic Output (UPO)
The user-programmable logic output, UPO, allows an
external device to be controlled through the
MAX5500/MAX5501 serial interface (Table 1).
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com