Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5500AGAP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(MAX5500 (VDD = +5V ±10%, VREFAB = VREFCD = 2.5V), MAX5501 (VDD = +3V ±10%, VREFAB = VREFCD = 1.5V), VAGND = VDGND = 0,
RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C. Output buffer connected in unity-
gain configuration (Figure 9).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
VDD to DGND ...........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
REFAB, REFCD to AGND ...........................-0.3V to (VDD + 0.3V)
OUT_, FB_ to AGND...................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
DOUT, UPO to DGND ................................-0.3V to (VDD + 0.3V)
Continuous Current into Any Pin.......................................±20mA
Continuous Power Dissipation (TA = +70°C)
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
Operating Temperature Range .........................-40°C to +105°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Analog Section)
Resolution
N
12
Bits
MAX5500A/MAX5501A
±0.25
±0.75
Integral Nonlinearity
(Note 1)
INL
MAX5500B/MAX5501B
±2.0
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1.0
LSB
Offset Error
VOS
±3.5
mV
Offset-Error Tempco
6
ppm/
oC
Gain Error
GE
(Note 1)
-0.3
±2.0
LSB
Gain-Error Tempco
1
ppm/
oC
Power-Supply Rejection Ratio
PSRR
100
600
µV/V
MATCHING PERFORMANCE (TA = +25
oC)
Gain Error
GE
-0.3
±2.0
LSB
Offset Error
VOS
±1.0
±3.5
mV
Integral Nonlinearity
INL
(Note 1)
±0.35
±1.0
LSB
REFERENCE INPUT
Reference Input Range
VREF
0VDD - 1.4
V
Reference Input Resistance
RREF
Code-dependent, minimum at code
555H
8k
Ω
Reference Current in Shutdown
0.01
±1.0
µA
DIGITAL INPUTS
MAX5500A/MAX5500B
2.4
Input High Voltage
VIH
MAX5501A/MAX5501B
2.0
V
Input Low Voltage
VIL
0.8
V
Input Leakage Current
IIN
VIN = 0 or VDD
±0.1
±1.0
µA
Input Capacitance
CIN
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com