Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 10Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 11Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 12Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 13Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
12
______________________________________________________________________________________
DAC CONTENTS
ANALOG OUTPUT
MSB
LSB
4095
1111
1111
1111
+VREF ( ——— )
4096
2049
1000
0000
0001
+VREF ( ——— )
4096
2048
+VREF
1000
0000
0000
+VREF ( ——— ) = ————
4096
2
2047
0111
1111
1111
+VREF ( ——— )
4096
1
0000
0000
0001
+VREF ( ——— )
4096
0000
0000
0000
0V
Table 2. Unipolar Code Table
DAC CONTENTS
ANALOG OUTPUT
MSB
LSB
2047
1111
1111
1111
+VREF ( ——— )
2048
1
1000
0000
0001
+VREF ( ——— )
2048
1000
0000
0000
0V
1
0111
1111
1111
-VREF ( ——— )
2048
2047
0000
0000
0001
-VREF ( ——— )
2048
2048
0000
0000
0000
-VREF ( ——— ) = -VREF
2048
Table 3. Bipolar Code Table
Note: 1 LSB = (VREF) (
4096
)
1
MAX5500
MAX5501
DAC A
DAC B
DAC C
DAC D
OUTA
FBA
FBB
FBC
FBD
OUTB
OUTC
OUTD
DGND
AGND
REFAB
REFCD
REFERENCE INPUTS
+5V
VDD
Figure 9. Unipolar Output Circuit
MAX5500
MAX5501
DAC A
DAC B
DAC C
DAC D
VREFAB = VREFCD = 2.5V
OUTA
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
OUTB
OUTC
OUTD
DGND
AGND
REFAB
REFCD
REFERENCE INPUTS
+5V
VDD
FBA
FBB
FBC
FBD
Figure 10. Unipolar Rail-to-Rail Output Circuit
Applications Information
Unipolar Output
For a unipolar output, the output voltages and the refer-
ence inputs are of the same polarity. Figure 9 shows
the MAX5500/MAX5501 unipolar output circuit, which is
also the typical operating circuit. Table 2 lists the unipo-
lar output codes.
See Figure 10 for rail-to-rail outputs. Figure 10 shows
the MAX5500/MAX5501 with the output amplifiers con-
figured with a closed-loop gain of +2 to provide 0 to 5V
full-scale range with a 2.5V external reference voltage.
Bipolar Output
Figure 11 shows the MAX5500/MAX5501 configured for
bipolar operation.
VOUT = VREF [(2NB/4096) - 1]
where NB is the numeric value of the DAC’s binary
input code. Table 3 shows digital codes (offset binary)
and corresponding output voltages for the circuit of
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com