Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
AGND
Analog Ground
2
FBA
DAC A Output Amplifier Feedback
3
OUTA
DAC A Output Voltage
4
OUTB
DAC B Output Voltage
5
FBB
DAC B Output Amplifier Feedback
6
REFAB
DAC A/DAC B Reference Voltage Input
7
CL
Active-Low Clear Input.
CL clears all DACs and registers. CL resets all outputs (OUT_, UPO, and DOUT)
to 0.
8
CS
Active-Low Chip-Select Input
9
DIN
Serial Data Input
10
SCLK
Serial Clock Input
11
DGND
Digital Ground
12
DOUT
Serial Data Output
13
UPO
User-Programmable Logic Output
14
PDL
Active-Low Power-Down Lockout. Drive
PDL low to lock out software shutdown.
15
REFCD
DAC C/DAC D Reference Voltage Input
16
FBC
DAC C Output Amplifier Feedback
17
OUTC
DAC C Output Voltage
18
OUTD
DAC D Output Voltage
19
FBD
DAC D Output Amplifier Feedback
20
VDD
Positive Power Supply
DYNAMIC RESPONSE 3V
MAX5500 toc12
10µs/div
OUTA
0.5V/div
VREF = 1.5V, RL = 5kΩ, CL = 100pF
SWITCHING FROM CODE 000 hex TO FB4 hex
OUTPUT AMPLIFIER GAIN = +1
DIGITAL FEEDTHROUGH 3V
(SCLK = 100kHz)
MAX5500 toc13
4µs/div
SCLK
1V/div
OUTA
AC-COUPLED
10mV/div
VREF = 1.5V, RL = 5kΩ, CL = 100pF
VCS = VPDL = VCL = 3.3V, VDIN = 0V
DACA CODE SET TO 800 hex
DIGITAL FEEDTHROUGH 5V
(SCLK = 100kHz)
MAX5500 toc14
2µs/div
SCLK
2V/div
OUTA
AC-COUPLED
10mV/div
VREF = 2.5V, RL = 5kΩ, CL = 100pF
VCS = VPDL = VCL = 5V, VDIN = 0V
DACA CODE SET TO 800 hex
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com