Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5500AGAP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX5500/MAX5501 integrate four low-power, 12-bit
digital-to analog converters (DACs) and four precision
output amplifiers in a small, 20-pin package. Each nega-
tive input of the four precision amplifiers is externally
accessible providing flexibility in gain configurations,
remote sensing, and high output drive capacity, making
the MAX5500/MAX5501 ideal for industrial-process-con-
trol applications. Other features include software shut-
down, hardware shutdown lockout, an active-low reset
which clears all registers and DACs to zero, a user-pro-
grammable logic output, and a serial-data output.
Each DAC provides a double-buffered input organized
as an input register followed by a DAC register. A 16-bit
serial word loads data into each input register. The seri-
al interface is compatible with SPI™/QSPI™/
MICROWIRE™. The serial interface allows the input and
DAC registers to be updated independently or simulta-
neously with a single software command. The 3-wire
interface simultaneously updates the DAC registers. All
logic inputs are TTL/CMOS-logic compatible. The
MAX5500 operates from a single +5V power supply,
and the MAX5501 operates from a single +3V power
supply. The MAX5500/MAX5501 are specified over the
extended -40°C to +105°C temperature range.
Applications
Industrial Process Controls
Automatic Test Equipment
Microprocessor (µP)-Controlled Systems
Motion Control
Digital Offset and Gain Adjustment
Remote Industrial Controls
Features
♦ Four 12-Bit DACs with Configurable Output
Amplifiers
♦ +5V or +3V Single-Supply Operation
♦ Low Supply Current:
0.85mA Normal Operation
10µA Shutdown Mode (MAX5500)
♦ Force-Sense Outputs
♦ Power-On Reset Clears All Registers and DACs
to Zero
♦ Capable of Recalling Last State Prior to Shutdown
♦ SPI/QSPI/MICROWIRE Compatible
♦ Simultaneous or Independent Control of DACs
through 3-Wire Serial Interface
♦ User-Programmable Digital Output
♦ Guaranteed Over Extended Temperature Range
(-40°C to +105°C)
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
MAX5500
MAX5501
OUTA
FBA
FBB
FBC
FBD
DAC A
DAC B
DAC C
DAC D
REFAB
DAC
REGISTER A
DECODE
CONTROL
INPUT
REGISTER A
DAC
REGISTER B
INPUT
REGISTER B
DAC
REGISTER C
INPUT
REGISTER C
DAC
REGISTER D
INPUT
REGISTER D
16-BIT
SHIFT
REGISTER
SR
CONTROL
LOGIC
OUTPUT
CS DIN SCLK
OUTB
OUTC
OUTD
DOUT
PDL
CL
VDD
AGND
DGND
UPO
REFCD
Functional Diagram
19-4368; Rev 0; 11/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor, Corp.
Ordering Information
PART
PIN-
PACKAGE
INL (LSB)
SUPPLY (V)
MAX5500AGAP+
20 SSOP
±0.75
+5
MAX5500BGAP+
20 SSOP
±2
+5
MAX5501AGAP+*
20 SSOP
±0.75
+3
MAX5501BGAP+*
20 SSOP
± 2
+3
+Denotes a lead-free/RoHS-compliant package.
*Future product—contact factory for availability.
Note: All devices are specified over the -40°C to +105°C operating
temperature range.


Similar Part No. - MAX5500AGAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5500AGAP+ MAXIM-MAX5500AGAP+ Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results

Similar Description - MAX5500AGAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com