Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5500AGAP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-40
740
760
780
800
820
750
770
790
810
830
730
-55
125
MAX5501
VDD = 3V
CODE = FFF hex
FULL-SCALE ERROR
vs. LOAD
LOAD (kΩ)
10
1
0.1
-4
-3
-2
-1
0
-5
0.01
100
MAX5500
VDD = 5V
FULL-SCALE ERROR
vs. LOAD
LOAD (kΩ)
10
1
0.1
-4
-3
-2
-1
0
-5
0.01
100
MAX5501
VDD = 3V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
5.25
5.00
4.75
780
800
820
840
860
880
900
920
940
760
4.50
5.50
MAX5500
VDD = 5V
CODE = FFF hex
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
3.5
3.4
3.1
3.2
3.3
784
786
788
790
792
794
796
798
782
3.0
3.6
MAX5501
VDD = 3V
CODE = FFF hex
ANALOG CROSSTALK 5V
MAX5500 toc09
10µs/div
OUTA
1V/div
OUTB
AC-COUPLED
10mV/div
VREF = 2.5V, RL = 5kΩ, CL = 100pF
DACA CODE SWITCHING FROM 00C hex TO FCC hex
DACB CODE SET TO 800 hex
ANALOG CROSSTALK 3V
MAX5500 toc10
10µs/div
OUTA
0.5V/div
OUTB
AC-COUPLED
50mV/div
VREF = 1.5V, RL = 5kΩ, CL = 100pF
DACA CODE SWITCHING FROM 00C hex TO FFF hex
DACB CODE SET TO 800 hex
DYNAMIC RESPONSE 5V
MAX5500 toc11
10µs/div
OUTA
1V/div
VREF = 2.5V, RL = 5kΩ, CL = 100pF
SWITCHING FROM CODE 000 hex TO FB4 hex
OUTPUT AMPLIFIER GAIN = +2
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com