Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5606S Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
Overview
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Overview
The following sections provide high-level descriptions of the features found on the MPC5606S.
1.1
Device Comparison
..
Table 1. MPC5606S Family
Feature
MPC5602S
MPC5604S
MPC5606S
CPU
e200z0h
Execution Speed
Static - 64 MHz
Flash (ECC)
256 KB
512 KB
1 MB
EEPROM Emulation Block
(ECC)
4 × 16 KB
RAM (ECC)
24 KB
48 KB
48 KB
Graphics RAM
No
No
160 KB
MPU
12 entry
eDMA
16 channels
Display Control Unit
No
No
Yes
Parallel Data Interface
No
No
Yes
Stepper Motor Controller
6 motors
Stepper Motor Stall Detect
Yes
Sound Generation
Yes
Yes
Using eMIOS
LCD Segment Driver
64 × 6
64 × 6
40 × 4, 38 × 61
32 kHz External Crystal
Oscillator
Yes
Real Time Counter and
Autonomous Periodic
Interrupt
Yes
Yes
Yes
Periodic Interrupt Timer
4 ch, 32-bit
System Watchdog Timer
Yes
System Timer Module
4 ch, 32-bit
Timed I/O2
8 ch, 16-bit IC/OC
16 ch, 16-bit OPWM/IC/OC
ADC3
16 channels, 10-bit
CAN (64 Mailboxes)
1 × FlexCAN
2 × FlexCAN
2 × FlexCAN
CAN Sampler
Yes
SCI
2 × LINFlex
SPI
2 × DSPI
2 × DSPI
34 × DSPI
QuadSPI Serial Flash
Interface
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com