Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
83
3.16.7
Deserial Serial Peripheral Interface (DSPI)
1 FlexCAN timing specified at f
SYS = 64 MHz, VDD12 = 1.14 V to 1.32 V, VDDE_x = 3.0 V to 5.5 V, TA = -40 to 105 °C,
and CL = 50 pF with SRC = 0b00.
2 Parameter values guaranteed by design.
Table 42. DSPI Timing1
1 DSPI timing specified at VDDE_x = 3.0 V to 5.5V, T
A = -40 to 105 °C, and CL = 50 pF with SRC = 0b11.
Num
Symbol
Characteristic
Min
Max
Unit
1tSCK
CC2
2 Parameter values guaranteed by design.
SCK Cycle TIme3,4
3 The minimum SCK Cycle Time restricts the baud rate selection for given system clock rate.
4 The actual minimum SCK Cycle Time is limited by pad performance.
60
—
ns
2tCSC
CC2
PCS to SCK Delay5
5 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK], program PSSCK=2 &
CSSCK = 2
-—
ns
3tASC
CC2
After SCK Delay6
6 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC]
20
—
ns
4tSDC
CC2
SCK Duty Cycle
tSCK/2
–2ns
tSCK/2
+ 2ns
ns
5tA
CC2
Slave Access Time
(PCSx active to SOUT driven)
—
25
ns
6tDIS
CC2
Slave SOUT Disable Time
(PCSx inactive to SOUT High-Z or invalid)
—
25
ns
7tSUI
CC2
Data Setup Time for Inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)7
Master (MTFE = 1, CPHA = 1)
7 This delay value is corresponding to SMPL_PT=00b which is bit field 9 and 8 of DSPI_MCR register.
35
5
5
35
—
—
—
—
ns
ns
ns
ns
8tHI
CC2
Data Hold Time for Inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)7
Master (MTFE = 1, CPHA = 1)
–4
10
26
–4
—
—
—
—
ns
ns
ns
ns
9tSUO
CC2
Data Valid (after SCK edge)
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA=0)
Master (MTFE = 1, CPHA=1)
—
—
—
—
15
35
30
15
ns
ns
ns
ns
10
tHO
CC2
Data Hold Time for Outputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
–15
5.5
0
–15
—
—
—
—
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com