Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
43
VSS12
CC Voltage on VSS12 pin with respect to VSS
VSS-0.1
VSS+0.1
V
VDD
6,7
SR Voltage on VDD pins (VDDE_A, VDDE_B,
VDDE_C, VDDE_E, VDDMA, VDDMB, VDDMC)
with respect to ground (VSS)
Voltage drop2
+4.5
+5.5
V
VSS
8
SR I/O supply ground
0
0
V
VDDE_A
SR Voltage on VDDE_A (I/O supply) pin with respect
to ground (VSSE_A)
+4.5
+5.5
V
VDDE_B
SR Voltage on VDDE_B (I/O supply) pin with respect
to ground (VSSE_B)
+4.5
+5.5
V
VDDE_C
9
SR Voltage on VDDE_C (I/O supply) pin with respect
to ground (VSSE_C)
+4.5
+5.5
V
VDDE_E
SR Voltage on VDDE_E (I/O supply) pin with respect
to ground (VSSE_E)
+4.5
+5.5
V
VDDMA
SR Voltage on VDDMA (stepper motor supply) pin
with respect to ground (VSSMA)
+4.5
+5.5
V
VDDMB
SR Voltage on VDDMB (stepper motor supply) pin
with respect to ground (VSSMB)
+4.5
+5.5
V
VDDMC
SR Voltage on VDDMC (stepper motor supply) pin
with respect to ground (VSSMC)
+4.5
+5.5
V
VSSOSC
SR Voltage on VSSOSC (oscillator ground) pin with
respect to VSS
00
V
VLCD
SR Voltage on VLCD (LCD supply) pin with respect to
VSS
0VDDE_A +0.3
V
TVDD
SR VDD slope to ensure correct power up
10
0.25
V/µs
TA
SR Ambient temperature under bias
-40
+105
°C
-40
+105
TJ
SR Junction temperature under bias
-40
+150
1 100 nF capacitance needs to be provided between V
DDA/VSSA pair.
2 Full functionality cannot be guaranteed when voltage drops below 4.5 V. In particular, I/O DC and ADC electrical
characteristics may not be guaranteed below 4.5 V during the voltage drop sequence.
3 200
μF capacitance must be connected between V
DDR and VSS12.
4 V
DD12 cannot be used to drive any external component.
5 Each V
DD12/VSS12 supply pair should have a 10 μF capacitor. Absolute combined maximum capacitance is 40 μF.
6 V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, VDDE_C, VDDE_E, VDDMA, VDDMB and VDDMC.
7 100 nF capacitance needs to be provided between each V
DD/VSS pair
8 V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSE_B, VSSE_C, VSSE_E, VSSMA, VSSMB and
VSSMC) unless otherwise noted.
9 V
DDE_C should not be less than VDDA.
10 Guaranteed by device validation
Table 10. Recommended Operating Conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com