Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
52
Ttr
CC4 Output transition time output pin5
SLOW configuration
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
506
ns
CL = 50pF,
VDD = 5.0V ± 10%, ipp_hve = 0
1006
CL = 100pF,
VDD = 5.0V ± 10%, ipp_hve = 0
1254
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
406
CL = 50pF,
VDD = 3.3V ± 10%, ipp_hve = 1
506
CL = 100pF,
VDD = 3.3V ± 10%, ipp_hve = 1
754
ΔI
tr50
CC4 Current slew at CL = 50pF
SLOW configuration
recommended configuration at
VDD = 5.0V ± 10%, ipp_hve = 0,
VDD = 3.3V ± 10%, ipp_hve = 1
2mA/ns
VDD = 5.0V ± 10%, ipp_hve = 1
7
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 to +105°C, unless otherwise specified
2 All values need to be confirmed during device validation.
3 This is a transient configuration during power-up. All pads but RESET and NEXUS output (MDOx, EVTO, MCK) are
configured in input or in high impedance state.
4 Data based on characterization results, not tested in production
5 C
L calculation should include device and package capacitances (CPKG < 5pF).
6 Data based on simulation results, not tested in production
Table 20. MEDIUM Configuration Output Buffer Electrical Characteristics
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
VOH
CC Output high level
MEDIUM configuration
Push Pull, IOH = -2mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
0.8VDD
V
Push Pull, IOH = -1mA,
VDD = 5.0V ± 10%, ipp_hve = 1
3
0.8VDD
Push Pull, IOH = -1mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
VDD-0.8
Table 19. SLOW Configuration Output Buffer Electrical Characteristics (continued)
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com