Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
57
3.7
RESET electrical characteristics
The device implements a dedicated bidirectional RESET pin.
Figure 7. Start-up reset requirements
Figure 8. Noise filtering on reset signal
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105°C, unless otherwise specified
2 All values need to be confirmed during device validation.
3 Data based on simulation results, not tested in production
4 Data based on characterization results, not tested in production
VIL
VDD
TRSTREM
device reset forced by RESET
VDDMIN
RESET
VIH
device start-up phase
VRESET
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com