Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606S Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
71
Table 32. ADC Electrical Characteristics
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
VSSA
SR Voltage on VSSA (ADC
reference) pin with
respect to ground (VSS)
3
-0.1
0.1
V
VDDA
SR Voltage on VDDA pin
(ADC reference) with
respect to ground (VSS)
VDD-0.1
VDD+0.1
V
VAINx
SR Analog input voltage4
VSSA-0.1
VDDA+0.1
V
fADC
SR ADC analog frequency
6
32
MHz
tADC_PU SR ADC power up delay
1.5
µs
tADC_S CC
5 Sample time6
fADC = 32 MHz,
ADC_conf_sample_input = 17
0.5
µs
fADC = 6 MHz,
ADC_conf_sample_input =
127
21
tADC_C CC
5 Conversion time7
fADC = 32 MHz,
ADC_conf_comp = 2
0.625
µs
CS
CC5 ADC input sampling
capacitance
3
pF
CP1
CC5 ADC input pin
capacitance 1
3
pF
CP2
CC5 ADC input pin
capacitance 2
1
pF
CP3
CC5 ADC input pin
capacitance 3
1
pF
RSW1
CC5 Internal resistance of
analog source
3
k
Ω
RSW2
CC5 Internal resistance of
analog source
2
k
Ω
RAD
CC5 Internal resistance of
analog source
0.1
k
Ω
IINJ
SR Input current Injection
Current injection on one ADC
input, different from the
converted one
-10
10
mA
INL
CC5 Integral Non Linearity
No overload
-1.5
1.5
LSB
DNL
CC5 Differential Non Linearity No overload
-1.0
1.0
LSB
OFS
CC5 Offset error
After offset cancellation
-1.0
1.0
LSB
GNE
CC5 Gain error
-1.0
1.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com