Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
108
Freescale Semiconductor
Signal Listings
Note:
1. Multi-pin signals such as D1_MDQ[0:63] and D2_MDQ[0:63] have their physical package pin numbers listed in order
corresponding to the signal names.
2. Stub Series Terminated Logic (SSTL-18 and SSTL-25) type pins.
3. If a DDR port is not used, it is possible to leave the related power supply (Dn_GVDD, Dn_MVREF) turned off at reset. Note
that these power supplies can only be powered up again at reset for functionality to occur on the DDR port.
4. Low Voltage Differential Signaling (LVDS) type pins.
5. Low Voltage Transistor-Transistor Logic (LVTTL) type pins.
6. This pin is a reset configuration pin and appears again in the Reset Configuration Signals section of this table. See the Reset
Configuration Signals section of this table for config name and connection details.
7. Recommend a weak pull-up resistor (1–10 k
Ω) be placed from this pin to its power supply.
8. Recommend a weak pull-down resistor (2–10 k
Ω) be placed from this pin to ground.
9. This multiplexed pin has input status in one mode and output in another
10. This pin is a multiplexed signal for different functional blocks and appears more than once in this table.
11. This pin is open drain signal.
12. Functional only on the MPC8641D.
13. These pins should be left floating.
14. These pins should be connected to SVDD.
TSEC4_TXD[5]/
cfg_tsec4_reduce
AB18
-
LVDD
TSEC4_TXD[6:7]/
cfg_tsec4_prtcl[0:1]
AB17, AB16
-
LVDD
LAD[0:31]/
cfg_gpporcr[0:31]
A30, E29, C29, D28, D29, H25, B29, A29,
C28, L22, M22, A28, C27, H26, G26, B27,
B26, A27, E27, G25, D26, E26, G24, F27,
A26, A25, C25, H23, K22, D25, F25, H22
-OVDD
LWE[0]/
cfg_cpu_boot
E21
-
OVDD
LWE[1]/
cfg_rio_sys_size
F21
-
OVDD
LWE[2:3]/
cfg_host_agt[0:1]
D22, E20
-
OVDD
LDP[0:3], LA[27] /
cfg_core_pll[0:4]
A24, E24, C24, B24,
J21
-OVDD
22
LA[28:31]/
cfg_sys_pll[0:3]
K21, G22, F24, G21
-
OVDD
22
LGPL[3],
LGPL[5]/
cfg_boot_seq[0:1]
K20,
J19
-OVDD
D1_MSRCID[0]/
cfg_mem_debug
F15
-
OVDD
D1_MSRCID[1]/
cfg_ddr_debug
K15
-
OVDD
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com