Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
112
Freescale Semiconductor
Clocking
18.3
e600 to MPX clock PLL Ratio
Table 69 describes the clock ratio between the platform and the e600 core clock. This ratio is determined
by the binary value of LDP[0:3], LA[27](cfg_core_pll[0:4] - reset config name) at power up, as shown in
Table 69.
18.4
Frequency Options
18.4.1
SYSCLK to Platform Frequency Options
Table 70 shows some SYSCLK frequencies and the expected MPX frequency values based on the MPX
clock to SYSCLK ratio. Note that frequencies between 400 MHz and 500 MHz are NOT supported on the
0010
2:1
0011
3:1
0100
4:1
0101
5:1
0110
6:1
0111
Reserved
1000
8:1
1001
9:1
Table 69. e600 Core to MPX Clock Ratio
Binary Value of
LDP[0:3], LA[27] Signals
e600 core: MPX Clock Ratio
01000
2:1
01100
2.5:1
10000
3:1
11100
3.5:1
10100
4:1
01110
4.5:1
Table 68. MPX:SYSCLK Ratio
Binary Value of
LA[28:31]
Signals
MPX:SYSCLK Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com