Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
111
Clocking
18.2
MPX to SYSCLK PLL Ratio
The MPX clock is the clock that drives the MPX bus, and is also called the platform clock. The frequency
of the MPX is set using the following reset signals, as shown in Table 68:
•
SYSCLK input signal
•
Binary value on LA[28:31] at power up
Note that there is no default for this PLL ratio; these signals must be pulled to the desired values. Also note
that the DDR data rate is the determining factor in selecting the MPX bus frequency, since the MPX
frequency must equal the DDR data rate.
Table 66. Platform/MPX bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
1000, 1250, 1333, 1500MHz
Min
Max
Platform/MPX bus clock frequency
400
500-600
MHz
1, 2
Notes:
1. Caution: The MPX clock to SYSCLK ratio and e600 core to MPX clock ratio settings must be
chosen such that the resulting SYSCLK frequency, e600 (core) frequency, and MPX clock
frequency do not exceed their respective maximum or minimum operating frequencies. Refer to
Section 18.2, “MPX to SYSCLK PLL Ratio,” and Section 18.3, “e600 to MPX clock PLL Ratio,” for
ratio settings.
2. Platform/MPX frequencies between 400 and 500 MHz are not supported.
Table 67. Local Bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
1000, 1250, 1333, 1500MHz
Min
Max
Local bus clock speed (for Local Bus
Controller)
25
133
MHz
1
Notes:
1. The Local bus clock speed on LCLK[0:2] is determined by MPX clock divided by the Local Bus
PLL ratio programmed in LCRR[CLKDIV]. See the reference manual for the MPC8641D for more
information on this.
Table 68. MPX:SYSCLK Ratio
Binary Value of
LA[28:31]
Signals
MPX:SYSCLK Ratio
0000
Reserved
0001
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com