Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511C Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH511C
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH511C Datasheet HTML 4Page - STMicroelectronics TSH511C Datasheet HTML 5Page - STMicroelectronics TSH511C Datasheet HTML 6Page - STMicroelectronics TSH511C Datasheet HTML 7Page - STMicroelectronics TSH511C Datasheet HTML 8Page - STMicroelectronics TSH511C Datasheet HTML 9Page - STMicroelectronics TSH511C Datasheet HTML 10Page - STMicroelectronics TSH511C Datasheet HTML 11Page - STMicroelectronics TSH511C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TSH511
8/18
Amplifier (AMP) Section
GAMP
Amplifier Voltage Gain
ZL=2 k
Ω, f
carrier=10 MHz
16
20
dB
ZAMP_IN
Input impedance defined as
RAMP_IN in parallel with CAMP_IN
RAMP_IN
CAMP_IN
10
2
k
Ω
pF
ZAMP_OUT Output impedance
350
Ω
P1dBAMP
1dB compression point
ZL = 2 k
Ω
ZL = 2 k
Ω,
fcarrier=10 MHz
220
560
380
mVRMS
BWAMP
-3dB AMP Bandwidth
ZL = 2 k
Ω
11
MHz
Limitor (LIM) Section
GLIM
Voltage gain
ZL=15k
Ω tied to GND
50
54
60
dB
ZLIM_IN
Input impedance defined as
RLIM_IN in parallel with CLIM_IN
RLIM_IN
CLIM_IN
15
2
k
Ω
pF
VLIM_OUT Output Voltage
ZL = 15 k
Ω tied to GND
170
mVpp
FM Demodulator Section
VDEM
Output voltage
+-75 kHz FM deviation
typical application schematic
ZL = 4 k
Ω
700
800
900
mVRMS
ZDEM_OUT Output impedance
100
Ω
Squelch Section
ATT
Audio attenuation on each receiver
when audio buffers are muted.
RX1 and RX2 audio buff-
ers muted
ZL = 16
Ω on both audio
buffers
55
65
dB
ZN_IN
Noise Amplifier Input impedance
2
k
Ω
VN_TH
Comparator threshold
from MUTED to
UNMUTED state,
RMUTE = 22 kΩ,
fIN = 100 kHz
9
mVRMS
VN_HYS
Comparator hysteresis
RMUTE = 22 kΩ,
fIN = 100 kHz
1
mVRMS
IMUTE_SINK
Current sinked on pin 25 to discharge
CMUTE capacitor: ramp generator con-
trolling the attenuation from ON to OFF
states of audio buffers.
Voltage on pin 25 = 1.7V
24
µA
IMUTE_SOU
RCE
Current sourced on pin 25 to charge
CMUTE capacitor: ramp generator con-
trolling the attenuation from OFF to ON
states of audio buffers.
Voltage on pin 25 = 1.7V
14
µA
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com