Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511C Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH511C
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH511C Datasheet HTML 5Page - STMicroelectronics TSH511C Datasheet HTML 6Page - STMicroelectronics TSH511C Datasheet HTML 7Page - STMicroelectronics TSH511C Datasheet HTML 8Page - STMicroelectronics TSH511C Datasheet HTML 9Page - STMicroelectronics TSH511C Datasheet HTML 10Page - STMicroelectronics TSH511C Datasheet HTML 11Page - STMicroelectronics TSH511C Datasheet HTML 12Page - STMicroelectronics TSH511C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TSH511
9/18
Audio Buffers
ZOD-IN
Input Impedance
200
k
Ω
BW1dB
-1dB bandwith
ZL = 16
Ω
35
kHz
POUT_OD
Output power
ZL= 16
Ω
VOD_IN = 70mVRMS
15
20
mW
THDOD
Distortion in Line Driver mode
Vout = 0.5 VRMS,
ZL= 10kΩ
0.2
0.3
%
THDOD
Distortion in Power Amplifier mode
with decoupling capacitor
CDEC = 1µF/ceramic on
pin 28.
Pout = 20 mW, ZL = 16
Ω
0.35
0.8
%
VISOL
Crosstalk: isolation between the two
Audio Buffers
Pout = 20 mW, ZL = 16
Ω
51
dB
Standby
VSBY_L
Low level input voltage of Standby
inputs (Pins 31 & 32)
0.1xVCC
V
VSBY_H
High level input voltage of Standby
inputs (Pins 31 & 32)
0.9xVcc
V
TON
Turn-on time from Standby mode to
Active mode
0.5
µs
TOFF
Turn-off time from Active mode to
Standby mode
0.5
µs
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com