Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511C Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH511C
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH511C Datasheet HTML 6Page - STMicroelectronics TSH511C Datasheet HTML 7Page - STMicroelectronics TSH511C Datasheet HTML 8Page - STMicroelectronics TSH511C Datasheet HTML 9Page - STMicroelectronics TSH511C Datasheet HTML 10Page - STMicroelectronics TSH511C Datasheet HTML 11Page - STMicroelectronics TSH511C Datasheet HTML 12Page - STMicroelectronics TSH511C Datasheet HTML 13Page - STMicroelectronics TSH511C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TSH511
10/18
OVERALL CIRCUIT
Supply current vs. Supply voltage
S/N vs. 2.8 MHz Input Level
PSOPH: Signal on Noise Ratio curve measured
with a CCITT
standard psophometric bandpass characteristic. It approximates
the response of human hearing.
Squelch Threshold vs. RMUTE Input Resistor
Supply current vs. Temperature
Sensitivity vs. Supply Voltage
01
234
56
0
2
4
6
8
10
12
14
16
18
20
RX1+ (RX1 Buffer)
RX1+Buffers
RX1+RX2+Buffers
V
CC
(V)
1
10
100
1000
0
10
20
30
40
50
60
PSOPH
BW = 30 kHz
V
CC
= 2.7 V
Deviation = +/-75 kHz
Input Level (
µV)
1
10
100
0
10
20
30
40
50
60
F
IN
= 100 kHz
F
IN
= 1 MHz
V
CC
= 2.7V
R
MUTE
(k
Ω)
-40
-20
0
204060
80
0
2
4
6
8
10
12
14
16
18
20
V
CC
= 2.7V
TX1+TX2
TX1
TX1+Buffers
TX1+TX2+Buffers
T
AMB
(°C)
23
45
0
5
10
15
20
25
F
CARRIER
= 2.8MHz
F
MOD
= 1 kHz
Deviation = +/- 75kHz
BW = 30 kHz
V
CC
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com