Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511C Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH511C
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH511C Datasheet HTML 2Page - STMicroelectronics TSH511C Datasheet HTML 3Page - STMicroelectronics TSH511C Datasheet HTML 4Page - STMicroelectronics TSH511C Datasheet HTML 5Page - STMicroelectronics TSH511C Datasheet HTML 6Page - STMicroelectronics TSH511C Datasheet HTML 7Page - STMicroelectronics TSH511C Datasheet HTML 8Page - STMicroelectronics TSH511C Datasheet HTML 9Page - STMicroelectronics TSH511C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TSH511
6/18
MULTIMEDIA APPLICATION: HEADSET SIDE
The TSH511 receives the HiFi stereo sound from the computer through 2.3 and 2.8 MHz stereo infrared
carriers. The access pins to the RF amplifiers allow the use of a 1.7 MHz reject filter to cancel the trans-
mitted signal of the microphone. The wide supply range (2.3 to 5.5 V) allows battery operation.
MULTIMEDIA APPLICATION: COMPUTER SIDE
In multimedia application, the TSH511 receives the voice of the user through the 1.7 MHz infrared carrier.
The standby pins can disable the unused receiver and audio amplifier to reduce the supply current.
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
TX1
VOX
SBY
buffer1
buffer2
photodiode
Vcc
LED
Vcc
Audio
buffer2
LNA
2.3 MHz
Band-pass
TSH511
HiFi stereo from the PC:
2x 20 mW /16
Ω
1.7 MHz
Band-pass
Voice transmitted to the PC
Microphone Tx:
1.7 MHz
carrier
Stereo Rx:
2.3 & 2.8 MHz
filter
1.7 MHz
reject
1.7 MHz
reject
2.8 MHz
Band-pass
TSH511 & 512 supply:
2.3 to 5.5V, 25 mA
Audio
buffer1
filter
filter
filter
filter
RX2
RX1
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
TX1
VOX
SBY
buffer1
buffer2
photodiode
Vcc
LED
Vcc
Audio
buffer2
LNA
2.3 MHz
Band-pass
TSH511
HiFi stereo from the PC:
2x 20 mW /16
Ω
1.7 MHz
Band-pass
Voice transmitted to the PC
Microphone Tx:
1.7 MHz
carrier
Stereo Rx:
2.3 & 2.8 MHz
filter
1.7 MHz
reject
1.7 MHz
reject
2.8 MHz
Band-pass
TSH511 & 512 supply:
2.3 to 5.5V, 25 mA
Audio
buffer1
filter
filter
filter
filter
RX2
RX1
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
TX1
VOX
SBY
buffer1
buffer2
photodiode
Vcc
LED
Vcc
Audio
buffer2
LNA
2.3 MHz
Band-pass
TSH511
HiFi stereo from the PC:
2x 20 mW /16
Ω
1.7 MHz
Band-pass
Voice transmitted to the PC
Microphone Tx:
1.7 MHz
carrier
Stereo Rx:
2.3 & 2.8 MHz
filter
1.7 MHz
reject
1.7 MHz
reject
2.8 MHz
Band-pass
TSH511 & 512 supply:
2.3 to 5.5V, 25 mA
Audio
buffer1
filter
filter
filter
filter
RX2
RX1
LNA + ALC
LNA + ALC
SBY
buffer1
buffer2
LED
photodiode
TSH511 & 512 supply:
2.3 to 5.5V, 24 mA
TSH512
Audio
buffer1
Audio
buffer2
LNA
RX2
RX1
filter
TSH511
Vcc
1.7 MHz
Band-pass
HiFi stereo Tx:
2.3 & 2.8 MHz
mono Rx:
1.7 MHz
Voice from the headset microphone
HiFi stereo
VOX
TX2
TX1
LNA + ALC
LNA + ALC
SBY
buffer1
buffer2
LED
photodiode
TSH511 & 512 supply:
2.3 to 5.5V, 24 mA
TSH512
Audio
buffer1
Audio
buffer2
LNA
RX2
RX1
filter
TSH511
Vcc
1.7 MHz
Band-pass
HiFi stereo Tx:
2.3 & 2.8 MHz
mono Rx:
1.7 MHz
Voice from the headset microphone
HiFi stereo
VOX
TX2
TX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com