Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511C Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH511C
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C Datasheet(HTML) 2 Page - STMicroelectronics

  TSH511C Datasheet HTML 1Page - STMicroelectronics TSH511C Datasheet HTML 2Page - STMicroelectronics TSH511C Datasheet HTML 3Page - STMicroelectronics TSH511C Datasheet HTML 4Page - STMicroelectronics TSH511C Datasheet HTML 5Page - STMicroelectronics TSH511C Datasheet HTML 6Page - STMicroelectronics TSH511C Datasheet HTML 7Page - STMicroelectronics TSH511C Datasheet HTML 8Page - STMicroelectronics TSH511C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TSH511
2/18
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
BLOC DIAGRAM
Symbol
Parameter
Value
Unit
Vcc
Supply voltage1)
7V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
Thermal resistance junction to case
14
°C/W
ESD
except
for pin 6
HBM: Human Body Model2)
CDM: Charged Device Model3)
MM: Machine Model4)
2
1.5
0.2
kV
ESD only
for pin 6
HBM: Human Body Model
CDM: Charged Device Model
MM: Machine Model
1
1
0.1
kV
Latch-up Class5)
A
1. All voltages values, except differential voltage, are with respect to network ground terminal
2. ElectroStatic Discharge pulse (ESD pulse) simulating a human body discharge of 100 pF through 1.5k
Ω
3. Discharge to Ground of a device that has been previously charged.
4. ElectroStatic Discharge pulse (ESD pulse) approximating a pulse of a machine or mechanical equipment.
5. Corporate ST Microelectronics procedure number 0018695
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
2.3 to 5.5
V
faudio
Audio frequency range
20 to 20,000
Hz
fcarrier
Carrier frequency range
0.4 to 11
MHz
BUF-OUT2
BUF-OUT1
MUTE-OUT
MUTE-INT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
GND
SBY1
SBY2
VCC
DEC-OUT
GND
MUTE-IN
GND
AMP-IN2
VCC
LNA-OUT2
VCC
LNA-IN
GND
LNA-OUT1
VCC
AMP-IN1
DEC-LNA
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
BUF-OUT2
BUF-OUT1
MUTE-OUT
MUTE-INT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
GND
SBY1
SBY2
VCC
DEC-OUT
GND
MUTE-IN
GND
AMP-IN2
VCC
LNA-OUT2
VCC
LNA-IN
GND
LNA-OUT1
VCC
AMP-IN1
DEC-LNA
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com