Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511C Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH511C
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH511C Datasheet HTML 10Page - STMicroelectronics TSH511C Datasheet HTML 11Page - STMicroelectronics TSH511C Datasheet HTML 12Page - STMicroelectronics TSH511C Datasheet HTML 13Page - STMicroelectronics TSH511C Datasheet HTML 14Page - STMicroelectronics TSH511C Datasheet HTML 15Page - STMicroelectronics TSH511C Datasheet HTML 16Page - STMicroelectronics TSH511C Datasheet HTML 17Page - STMicroelectronics TSH511C Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TSH511
14/18
GENERAL DESCRIPTION
The TSH511 is a 0.4 to 11 MHz dual FM analogue
receiver. The incoming signal is amplified with a
22 dB Low Noise Amplifier (LNA section). The
good noise performance of the LNA allows the
photodiode for infrared applications to be connect-
ed directly to the TSH511 without any external
preamplifier. The access pins for each section and
the two standby configurations allow a high versa-
tility for many applications: HiFi stereo infrared re-
ceiver, mono/stereo subcarrier receiver, power
line carrier audio.
Figure 1 : TSH511 block diagram
The LNA is common to both receivers but the out-
put is split in two: one for each receiver. Each LNA
output can be connected to a first optional filter for
bandpass or reject filtering.
The filtered signal is amplified with an intermedi-
ate Amplifier (AMP section) followed by a second
filter. The AMP sections have 20 dB typical gain.
Finally, the signal is amplified and limited in the
Limiter (LIM section). The 60 dB amplifier-limiter
LIM provides a constant amplitude signal to the
demodulator. It reduces AM parasitics demodula-
tion in the FM demodulator.
The FM demodulator is a classical quadrature de-
tector using an external tank.
The demodulated signal can be amplified by the
Audio Buffer section after de-emphasis. Each Au-
dio Buffer can drive a 16 ohms headphone with 20
mW power.
The two standby pins SBY1 & SBY2 allow the sec-
ond receiver RX2 to be put into standby for mono
operation. In mono, it is possible to use both Audio
Buffers or only one depending on the combination
on SBY1 & SBY2.
To avoid noise at the audio output, a Squelch sec-
tion mutes the Audio Buffers when no carrier is re-
ceived. The Squelch Section uses the demodulat-
ed signal of the first receiver (RX1). This signal is
highpass filtered, rectified and compared to a
threshold to produce the Mute signal (pin 25).
When no carrier is received on RX1, the wideband
’FM noise’ on the demodulator increases and the
Mute signal mutes the both Audio Buffers. When
the carrier is present, the wideband noise on the
demodulator output decreases, enabling the Au-
dio Buffers.
Figure 2 : Infrared audio frequencies
LNA section: Low Noise Amplifier
The Low Noise Amplifier (LNA) has a typical gain
of 22 dB to amplify the incoming RF signal from
the photodiode. The LNA is common to both re-
ceivers sections RX1 and RX2.
Figure 3 : LNA schematic
BUF-OUT2
BUF-OUT1
MUTE-OUT
MUTE-INT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
GND
SBY1
SBY2
VCC
DEC-OUT
GND
MUTE-IN
GND
AMP-IN2
VCC
LNA-OUT2
VCC
LNA-IN
GND
LNA-OUT1
VCC
AMP-IN1
DEC-LNA
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
BUF-OUT2
BUF-OUT1
MUTE-OUT
MUTE-INT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
GND
SBY1
SBY2
VCC
DEC-OUT
GND
MUTE-IN
GND
AMP-IN2
VCC
LNA-OUT2
VCC
LNA-IN
GND
LNA-OUT1
VCC
AMP-IN1
DEC-LNA
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
IR frequency
applications
1.6 MHz
AM mono
1.7 MHz
FM mono
2.3 MHz
FM right channel
2.8 MHz
FM left channel or mono



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com