Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5702BEMLU Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # SPC5702BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
39
3
Electrical Characteristics
This section contains electrical characteristics of the device as well as temperature and power considerations.
This product contains devices to protect the inputs against damage due to high static voltages. However, it is advisable to take
precautions to avoid application of any voltage higher than the specified maximum rated voltages.
To enhance reliability, unused inputs can be driven to an appropriate logic voltage level (VDD or VSS). This could be done by
internal pull up and pull down, which is provided by the product for most general purpose pins.
The parameters listed in the following tables represent the characteristics of the device and its demands on the system.
In the tables where the device logic provides signals with their respective timing characteristics, the symbol “CC” for Controller
Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing characteristics to the device, the symbol
“SR” for System Requirement is included in the Symbol column.
3.1
Absolute Maximum Ratings
Table 8. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VDDA
SR Voltage on VDDA pin (ADC reference) with respect
to ground (VSSA)
-0.3
+5.5
V
Relative to VDD VDD-0.3
VDD+0.3
VSSA
SR Voltage on VSSA (ADC reference) pin with respect
VSS
VSS-0.1
VSS+0.1
V
VDDPLL
CC Voltage on VDDPLL (1.2 V PLL supply) pin with
respect to ground (VSSPLL)
1.08
1.32
V
Relative to VDD VDD-0.3
VDD+0.3
VSSPLL
SR Voltage on VSSMC (stepper motor supply ground)
pin with respect to VSS
VSS-0.1
VSS+0.1
V
VDDR
SR Voltage on VDDR pin (regulator supply) with respect
to ground (VSSR)
-0.3
+5.5
V
Relative to VDD VDD-0.3
VDD+0.3
VSSR
SR Voltage on VSSR (regulator ground) pin with
respect to VSS
VSS-0.1
VSS+0.1
V
VDD12
CC Voltage on VDD12 pin with respect to ground
(VSS12)
1.08
1.4
V
VSS12
CC Voltage on VSS12 pin with respect to VSS
VSS-0.1
VSS+0.1
V
VDDE_A
1
SR Voltage on VDDE_A (I/O supply) pin with respect to
ground (VSSE_A)
-0.3
+5.5
V
VDDE_B
1
SR Voltage on VDDE_B (I/O supply) pin with respect to
ground (VSSE_B)
-0.3
+5.5
V
VDDE_C
1
SR Voltage on VDDE_C (I/O supply) pin with respect to
ground (VSSE_C)
-0.3
+5.5
V
VDDE_E
1
SR Voltage on VDDE_E (I/O supply) pin with respect to
ground (VSSE_E)
-0.3
+5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com