Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5702BEMLU Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # SPC5702BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
72
3.15
AC Specifications
3.15.1
Pad AC Specifications
TUEP
CC5 Total Unadjusted Error for
precise channels, input
only pins
No overload
-2
2
LSB
overload conditions on
adjacent channel
LSB
TUEX
CC5 Total Unadjusted Error for
extended channel,
No overload
-3
3
LSB
overload conditions on
adjacent channel
LSB
1 V
DDA = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
2 All values need to be confirmed during device validation.
3 Analog and digital V
SS must be common (to be tied together externally).
4 V
AINx may exceed VSSA and VDDA limits, remaining on absolute maximum ratings, but the results of the conversion
will be clamped respectively to 0x000 or 0x3FF
5 Guaranteed by design
6 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the
end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC_S depend on programming.
7 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the
time to load the result’s register with the conversion result.
Table 33. Pad AC specifications (5.0 V, IPP_HVE=1)1
Num
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew3
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
1.5
-30
6
-50-
-
4
0.04
-
2
25
1.5
-
30
9
-
100
-
-
2
0.04
-
2
50
1.5
-
30
12
-
125
-
-
2
0.04
-
2
100
1.5
-
30
16
-
150
-
-
2
0.04
-
2
200
2
Medium
1
-
15
3
-
10
-
-
40
2.5
-
7
25
1
-
15
5
-
20
-
-
20
2.5
-
7
50
1
-
15
9
-
40
-
-
13
2.5
-
8
100
1
-
15
12
-
70
-
-
7
2.5
-
8
200
Table 32. ADC Electrical Characteristics (continued)
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com