Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5702BEMLU Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SPC5702BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
40
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the
recommended values.
VDDMA
1
SR Voltage on VDDMA (stepper motor supply) pin with
respect to ground (VSSMA)
-0.3
+5.5
V
VDDMB
1
SR Voltage on VDDMB (stepper motor supply) pin with
respect to ground (VSSMB)
-0.3
+5.5
V
VDDMC
1
SR Voltage on VDDMC (stepper motor supply) pin with
respect to ground (VSSMC)
-0.3
+5.5
V
VSS
2
SR I/O supply ground
0
0
V
VSSOSC
SR Voltage on VSSOSC (oscillator ground) pin with
respect to VSS
VSS-0.1
VSS+0.1
V
VLCD
SR Voltage on VLCD (LCD supply) pin with respect to
VSS
0VDDE_A +0.3
V
VIN
SR Voltage on any GPIO pin with respect to ground
(VSS)
-0.3
+5.5
V
Relative to VDD
-0.3
VDD+0.3
IINJPAD
SR Injected input current on any pin during overload
condition
-10
10
mA
IINJSUM
SR Absolute sum of all injected input currents during
overload condition
-50
50
TSTORAGE SR Storage temperature
-55
150
°C
ESDHBM
SR ESD Susceptibility (Human Body Model)
2000
V
1 Throughout the remainder of this document V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B,
VDDE_C, VDDE_E, VDDMA, VDDMB and VDDMC, unless otherwise noted.
2 Throughout the remainder of this document V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A,
VSSE_B, VSSE_C, VSSE_E, VSSMA, VSSMB and VSSMC, unless otherwise noted.
Table 8. Absolute Maximum Ratings (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com