Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5702BEMLU Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # SPC5702BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
63
3.11
Main RC Oscillator Electrical Characteristics
The device provides a 16 MHz internal RC oscillator. This is used as the default clock at the power-up of the device.
Table 27. FMPLL Electrical Characteristics
Symbol
Parameter
Conditions1
1 V
DDPLL = 1.2 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
fPLLIN
SR PLL reference clock3
3 PLLIN clock retrieved directly from XOSCHS clock. Input characteristics are granted when oscillator is used in
functional mode. When bypass mode is used, oscillator input clock should verify fPLLIN and ΔPLLIN.
464
MHz
Δ
PLLIN
SR PLL reference clock duty cycle3
40
60
%
fPLLOUT CC
4
4 Data based on device simulation.
PLL output clock frequency
16
64
MHz
fCPU
CC4 System clock frequency
645
5 f
CPU 64 MHz can be achieved only at up to 105 °C
MHz
TLOCK
CC4 PLL lock time
Stable oscillator (fPLLIN = 16 MHz)
200
µs
ΔT
PKJIT
CC4 PLL jitter (pk to pk)
fPLLIN = 16 MHz (resonator)
500
ps
ΔT
LTJIT
CC4 PLL long term jitter
fPLLIN = 16 MHz (resonator)
1.5
ns
IPLL
CC6
6 Data based on characterization results, not tested in production
Oscillator consumption
TA = 25°C
4
mA
Table 28. Main RC Oscillator Electrical Characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
fRCM
CC3
3 Guaranteed by device simulation, not tested in production
RC oscillator high frequency
TA = 25 °C, trimmed
16
MHz
IRCMRUN
CC3 RC oscillator high frequency current in
running mode
TA = 25 °C, trimmed
200
µA
IRCMPWD
CC3 RC oscillator high frequency current in power
down mode
TA = 25 °C
10
µA
ΔRCMTRI
M
CC3 RC oscillator precision after trimming of fRC TA = 25 °C
-1
+1
%
ΔRCMVAR CC4
4 Guaranteed by device characterization, not tested in production
RC oscillator variation in temperature and
supply with respect to fRC at TA = 55 °C in
high-frequency configuration
-5
+5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com