Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5702BEMLU Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # SPC5702BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
81
3.16.3.2
Interface to TFT LCD Panels—Access Level
Figure 29. LCD Interface Timing Parameters—Access Level
3.16.4
External Interrupt (IRQ) and Non-Maskable Interrupt (NMI) Timing
Table 38. LCD Interface Timing Parameters1,2,3,4—Access Level
1 The characteristics in this table are based on the assumption that data is output at +ve edge and displays latch data
on -ve edge
2 Intra bit skew is less than 2 ns
3 Load CL = 50 pf for frequency up to 20 MHz
4 Load CL = 25 pf for display freq from 20 to 32 MHz
Num
Symbol
Characteristic
Min.
Value
Typical
Value
Max. Value
Unit
1tCKP
CC5
5 Parameter values guaranteed by design.
PDI Clock Period
31.25
—
ns
2tCHD
CC5
Duty cycle
40
—
60
%
3tDSU
CC5
interface data setup time
6
—
ns
4tDHD
CC5
PDI interface data access hold time
1
—
ns
5tCSU
CC5
PDI interface control signal setup time
3
—
ns
6tCHD
CC5
PDI interface control signal hold time
1
—
ns
7CC5
TFT interface data valid after pixel clock
—
6
ns
8CC5
TFT interface HSYNC valid after pixel clock
—
5
ns
9CC5
TFT interface VSYNC valid after pixel clock
—
5.5
ns
10
CC5
TFT interface DE valid after pixel clock
—
5.6
ns
11
CC5
TFT interface hold time for data and control
bits
2—
ns
12
CC5
Relative skew between the data bits
—
3.7
ns
DCU_HSYNC
DCU_VSYNC
DCU_DE
DCU_CLK
DCU_LD[23:0]
tCKH
tCKL
tCHD
tCSU
tDHD
tDSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com