Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5702BEMLU Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # SPC5702BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
Pinout and Signal Descriptions
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
The following sections provide signal descriptions and related information about the functionality and configuration.
2.4.1
Pad Configuration during Reset Phases
All pads have a fixed configuration under reset.
During the power-up phase, all pads are forced to tristate.
After power-up phase, all pads are floating with the following exceptions:
•
Analog input pins AN[0:9] are pull-up
•
EVTI (208-pin package only) is pull-up.
•
PB[6] (FAB) is pull-up. Without external strong pull-up the device starts fetching from flash
•
RESET pad is driven low. This is released only after PHASE2 reset completion.
•
Main oscillator pads (EXTAL, XTAL) are tristate.
•
PA[0] DCU_R0 is pull-up
•
PB[1] CNRX_A is pull-up
•
PB[10] CNRX_B is pull-up
•
PB[12] RXD_B is pull-up
•
PB[3] RXD_A is pull-up
•
PB[4] SCK_B is pull-up
•
PF[0] eMIOSA13 is pull-up
•
PF[11] eMIOSB23 is pull-up
•
PF[13] SIN_C is pull-up
•
PF[2] NMI is pull-up
•
PF[3] eMIOSA11 is pull-up
•
PF[5] eMIOSA9 is pull-up
•
PF[6] SDA_A is pull-up
•
PF[8] SDA_B is pull-up
•
PH[0] TCK is pull-up
•
PH[1] TDI is pull-up
•
PH[3] TMS is pull-up
•
PJ[4] PDI0 is pull-up
•
PJ[6] PDI2 is pull-up
•
PK[9] MDO3 is pull-up
2.4.2
Voltage Supply Pins
Voltage supply pins are used to provide power to the device. Two dedicated pins are used for 1.2 V regulator stabilization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com