Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVTH574D
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574D Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVTH574D Datasheet HTML 1Page - NXP Semiconductors 74LVTH574D Datasheet HTML 2Page - NXP Semiconductors 74LVTH574D Datasheet HTML 3Page - NXP Semiconductors 74LVTH574D Datasheet HTML 4Page - NXP Semiconductors 74LVTH574D Datasheet HTML 5Page - NXP Semiconductors 74LVTH574D Datasheet HTML 6Page - NXP Semiconductors 74LVTH574D Datasheet HTML 7Page - NXP Semiconductors 74LVTH574D Datasheet HTML 8Page - NXP Semiconductors 74LVTH574D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
4 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
6.
Functional description
6.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH clock transition;
h = HIGH voltage level one setup time prior to the LOW-to-HIGH clock transition;
l = LOW voltage level one setup time prior to the LOW-to-HIGH clock transition;
Z = high-impedance OFF-state;
NC = no change;
X = don’t care.
7.
Limiting values
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
[3]
For SO20 packages: above 70 ˚C derate linearly with 8 mW/K.
For SSOP20 and TSSOP20 packages: above 60 ˚C derate linearly with 5.5 mW/K.
For DHVQFN20 packages: above 60 ˚C derate linearly with 4.5 mW/K.
Table 3.
Function table [1]
Operating mode
Control
Input
Internal register Output
OE
CP
Dn
Qn
Load and read register
L
↑
lL
L
hH
H
Hold
L
NC
X
NC
NC
Disable outputs
H
X
X
NC
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+7.0
V
VO
output voltage
output in OFF-state or HIGH-state
[1]
−0.5
+7.0
V
IIK
input clamping current
VI <0V
-
−50
mA
IOK
output clamping current
VO <0V
-
−50
mA
IO
output current
output in LOW-state
-
128
mA
output in HIGH-state
-
−64
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
[2] -
150
°C
Ptot
total power dissipation
Tamb = -40 ˚C to +85 ˚C
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com