Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVTH574D
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574D Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVTH574D Datasheet HTML 1Page - NXP Semiconductors 74LVTH574D Datasheet HTML 2Page - NXP Semiconductors 74LVTH574D Datasheet HTML 3Page - NXP Semiconductors 74LVTH574D Datasheet HTML 4Page - NXP Semiconductors 74LVTH574D Datasheet HTML 5Page - NXP Semiconductors 74LVTH574D Datasheet HTML 6Page - NXP Semiconductors 74LVTH574D Datasheet HTML 7Page - NXP Semiconductors 74LVTH574D Datasheet HTML 8Page - NXP Semiconductors 74LVTH574D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVT574; 74LVTH574 is a high-performance product designed for VCC operation at
3.3 V.
This device is an 8-bit, edge triggered register coupled to eight 3-state output buffers. The
two sections of the device are controlled independently by the clock (pin CP) and output
enable (pin OE) control gates. The state of each D input (one setup time before the
LOW-to-HIGH clock transition) is transferred to the corresponding flip-flops Q output.
The 3-state output buffers are designed to drive heavily loaded 3-state buses, MOS
memories, or MOS microprocessors.
The active LOW output enable (pin OE) controls all eight 3-state buffers independent of
the clock operation.
When pin OE is LOW, the stored data appears at the outputs. When pin OE is HIGH, the
outputs are in the high-impedance OFF-state, which means they will neither drive nor load
the bus.
2.
Features
I Inputs and outputs arranged for easy interfacing to microprocessors
I 3-state outputs for bus interfacing
I Common output enable control
I TTL input and output switching levels
I Input and output interface capability to systems at 5 V supply
I Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
I Live insertion and extraction permitted
I No bus current loading when output is tied to 5 V bus
I Power-up reset
I Power-up 3-state
I Latch-up protection
N JESD78 class II exceeds 500mA
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °C to +85 °C
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
Rev. 04 — 11 September 2008
Product data sheet


Similar Part No. - 74LVTH574D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH574 FAIRCHILD-74LVTH574 Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH574 ONSEMI-74LVTH574 Datasheet
341Kb / 13P
Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVTH574MSA FAIRCHILD-74LVTH574MSA Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH574MSA ONSEMI-74LVTH574MSA Datasheet
341Kb / 13P
Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVTH574MSAX FAIRCHILD-74LVTH574MSAX Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVTH574D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
Octal D-type flip-flop 3-State
1995 May 22
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
3-STATE Octal D-Type Flip-Flop
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
Octal D-type flip-flop (3-state)
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
3-STATE Octal D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
Octal D-type flip-flop (3-state)
logo
NXP Semiconductors
74LVT273 NXP-74LVT273 Datasheet
107Kb / 17P
3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com