Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVTH574D
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574D Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVTH574D Datasheet HTML 1Page - NXP Semiconductors 74LVTH574D Datasheet HTML 2Page - NXP Semiconductors 74LVTH574D Datasheet HTML 3Page - NXP Semiconductors 74LVTH574D Datasheet HTML 4Page - NXP Semiconductors 74LVTH574D Datasheet HTML 5Page - NXP Semiconductors 74LVTH574D Datasheet HTML 6Page - NXP Semiconductors 74LVTH574D Datasheet HTML 7Page - NXP Semiconductors 74LVTH574D Datasheet HTML 8Page - NXP Semiconductors 74LVTH574D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
5 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
2.7
3.6
V
VI
input voltage
0
5.5
V
VIH
HIGH-level input voltage
2.0
-
V
VIL
LOW-level input voltage
-
0.8
V
IOH
HIGH-level output current
-
−32
mA
IOL
LOW-level output current
-
32
mA
current duty cycle
≤ 50 %; fi ≥ 1 kHz
-
64
mA
Tamb
ambient temperature
in free air
−40
+85
°C
∆t/∆V
input transition rise and fall rate
outputs enabled
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C
Unit
Min
Typ[1]
Max
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
−1.2
−0.9
-
V
VOH
HIGH-level output voltage VCC = 2.7 V to 3.6 V; IOH = −100 µAVCC − 0.2 VCC − 0.1
-
V
VCC = 2.7 V; IOH = −8 mA
2.4
2.5
-
V
VCC = 3.0 V; IOH = −32 mA
2.0
2.2
-
V
VOL
LOW-level output voltage
VCC = 2.7 V
IOL = 100 µA
-
0.1
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
VOL(pu)
power-up LOW-level
output voltage
VCC = 3.6 V; IO = 1 mA; VI = GND or VCC
[2]
-
0.13
0.55
V
II
input leakage current
all input pins; VCC =0 Vor3.6 V; VI = 5.5 V
-
1
10
µA
control pins; VCC = 3.6 V; VI = VCC or GND
-
±0.1
±1
µA
data pins; VCC = 3.6 V
[3]
VI =VCC
-
0.1
1
µA
VI =0V
−5
−1-
µA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1
±100
µA
ILO
output leakage current
VO = 5.5 V and VCC = 3.0 V; output HIGH
[4]
-
60
125
µA
IBHL
bus hold LOW current
VCC = 3.0 V; VI = 0.8 V
75
150
-
µA
IBHH
bus hold HIGH current
VCC = 3.0 V; VI = 2.0 V
[4]
-
−150
−75
µA
IBHHO
bus hold HIGH
overdrive current
VCC = 3.6 V; VI = 0V to 3.0 V
[4]
-
-
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com