Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574D Datasheet (PDF) - NXP Semiconductors

74LVTH574D Datasheet PDF - NXP Semiconductors
Part # 74LVTH574D
Download  74LVTH574D Download
File Size   108.68 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 V octal D-type flip-flop; 3-state

74LVTH574D Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVTH574D Datasheet PDF - NXP Semiconductors

Part # 74LVTH574D
Download  74LVTH574D Click to download

File Size   108.68 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 V octal D-type flip-flop; 3-state

74LVTH574D Datasheet (HTML) - NXP Semiconductors


74LVTH574D Product details

General description

The 74LVT574; 74LVTH574 is a high-performance product designed for VCCoperation at 3.3 V.



Features

Inputs and outputs arranged for easy interfacing to microprocessors

3-state outputs for bus interfacing

Common output enable control

TTL input and output switching levels

Input and output interface capability to systems at 5 V supply

Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs

Live insertion and extraction permitted

No bus current loading when output is tied to 5 V bus

Power-up reset

Power-up 3-state

Latch-up protection

   JESD78 class II exceeds 500mA

ESD protection:

   HBM JESD22-A114E exceeds 2000 V

   MM JESD22-A115-A exceeds 200 V

Specified from−40°C to +85°C




Similar Part No. - 74LVTH574D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH574 FAIRCHILD-74LVTH574 Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH574 ONSEMI-74LVTH574 Datasheet
341Kb / 13P
Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVTH574MSA FAIRCHILD-74LVTH574MSA Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH574MSA ONSEMI-74LVTH574MSA Datasheet
341Kb / 13P
Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVTH574MSAX FAIRCHILD-74LVTH574MSAX Datasheet
109Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74LVTH574D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
Octal D-type flip-flop 3-State
1995 May 22
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
3-STATE Octal D-Type Flip-Flop
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
Octal D-type flip-flop (3-state)
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
3-STATE Octal D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
Octal D-type flip-flop (3-state)
logo
NXP Semiconductors
74LVT273 NXP-74LVT273 Datasheet
107Kb / 17P
3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com