Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVTH574D
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVTH574D Datasheet HTML 3Page - NXP Semiconductors 74LVTH574D Datasheet HTML 4Page - NXP Semiconductors 74LVTH574D Datasheet HTML 5Page - NXP Semiconductors 74LVTH574D Datasheet HTML 6Page - NXP Semiconductors 74LVTH574D Datasheet HTML 7Page - NXP Semiconductors 74LVTH574D Datasheet HTML 8Page - NXP Semiconductors 74LVTH574D Datasheet HTML 9Page - NXP Semiconductors 74LVTH574D Datasheet HTML 10Page - NXP Semiconductors 74LVTH574D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
7 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
[1]
Typical values are at VCC = 3.3 V and Tamb =25 °C.
[2]
tsu is the same as tsu(H) and tsu(L)
[3]
th is the same as th(H) and th(L)
[4]
tW is the same as tWH and tWL
tPZL
OFF-state to LOW propagation delay OE to Qn; see Figure 8
VCC = 3.0 V to 3.6 V
1.3
3.4
5.1
ns
VCC = 2.7 V
-
-
6.2
ns
tPHZ
HIGH to OFF-state propagation delay OE to Qn; see Figure 7
VCC = 3.0 V to 3.6 V
1.9
4.0
5.5
ns
VCC = 2.7 V
-
-
5.9
ns
tPLZ
LOW to OFF-state propagation delay OE to Qn; see Figure 8
VCC = 3.0 V to 3.6 V
1.7
3.2
4.5
ns
VCC = 2.7 V
-
-
4.5
ns
tsu
set-up time
Dn to CP; see Figure 9
[2]
VCC = 3.0 V to 3.6 V
2.0
-
-
ns
VCC = 2.7 V
2.4
-
-
ns
th
hold time
Dn to CP; see Figure 9
[3]
VCC = 3.0 V to 3.6 V
0.3
-
-
ns
VCC = 2.7 V
0
-
-
ns
tW
pulse width
CP input; see Figure 6
[4]
VCC = 3.0 V to 3.6 V
3.3
-
-
ns
VCC = 2.7 V
3.3
-
-
ns
fmax
maximum frequency
CP input; VCC = 3.0 V to 3.6 V;
see Figure 6
150
-
-
MHz
Table 7.
Dynamic characteristics …continued
Voltages are referenced to ground (GND = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C Unit
Min
Typ[1]
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com