Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVTH574D
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVTH574D Datasheet HTML 4Page - NXP Semiconductors 74LVTH574D Datasheet HTML 5Page - NXP Semiconductors 74LVTH574D Datasheet HTML 6Page - NXP Semiconductors 74LVTH574D Datasheet HTML 7Page - NXP Semiconductors 74LVTH574D Datasheet HTML 8Page - NXP Semiconductors 74LVTH574D Datasheet HTML 9Page - NXP Semiconductors 74LVTH574D Datasheet HTML 10Page - NXP Semiconductors 74LVTH574D Datasheet HTML 11Page - NXP Semiconductors 74LVTH574D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
8 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
11. Waveforms
Measurement points are given in Table 8
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay clock input (CP) to output (Qn), pulse width clock (CP) and maximum clock frequency
001aac445
CP input
Qn output
tPHL
tPLH
tWH
tWL
1/fmax
VM
VOH
VI
GND
VOL
VM
Measurement points are given in Table 8
VOL and VOH are typical voltage output levels that occur
with the output load.
Measurement points are given in Table 8
VOL and VOH are typical voltage output levels that occur
with the output load.
Fig 7.
Output enable time to HIGH-state and output
disable time from HIGH-state
Fig 8.
Output enable time to LOW-state and output
disable time from LOW-state
Qn output
001aae468
OE input
VM
VI
VOH
GND
GND
tPZH
tPHZ
VY
VM
VM
001aae469
tPZL
tPLZ
VM
VM
VM
Qn output
OE input
VI
VOL
3.0 V
VX
GND
Measurement points are given in Table 8
Remark: The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 9.
Data setup and hold times
001aac738
VM
CP input
VM
VM
VM
VM
VM
tsu(H)
th(H)
tsu(L)
th(L)
Dn input
Vl
GND
Vl
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com