Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAP Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 28Page - Texas Instruments PCM3168APAP Datasheet HTML 29Page - Texas Instruments PCM3168APAP Datasheet HTML 30Page - Texas Instruments PCM3168APAP Datasheet HTML 31Page - Texas Instruments PCM3168APAP Datasheet HTML 32Page - Texas Instruments PCM3168APAP Datasheet HTML 33Page - Texas Instruments PCM3168APAP Datasheet HTML 34Page - Texas Instruments PCM3168APAP Datasheet HTML 35Page - Texas Instruments PCM3168APAP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
REGISTER WRITE OPERATION
MS
MC
MDI
X
(1)
'0'
ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
R/
W ADR6
REGISTER READ OPERATION
MS
MC
MDI
X
(1)
'1'
ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
Don'tCare(X)
R/
W ADR6
MDO
Hi-Z
Hi-Z
D7
D6
D5
D4
D3
D2
D1
D0
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
Figure 48 shows the functional timing diagram for single write operations on the serial control port. MS is held at
a high state until a register must be written. To start the register write cycle, MS is set to a low state. 16 clocks
are then provided on MC, corresponding to the 16 bits of the control data word on MDI. After the 16th clock cycle
has been completed, MS is set high to latch the data into the indexed mode control register.
Also, the PCM3168A and PCM3168A-Q1 support multiple write operations in addition to single write operations,
which can be performed by sending the following N-times of the 8-bit register data after the first 16-bit register
address and register data while keeping the MC clocks and MS at a low state. Closing a multiple write operation
can be accomplished by setting MS to a high state.
(1) X = Don't care.
Figure 48. Register Write Operation
Figure 49 shows the functional timing diagram for single read operations on the serial control port. MS is held at
a high state until a register must be read. To start the register read cycle, MS is set to a low state. 16 clocks are
then provided on MC, corresponding to the first eight bits of the control data word on MDI and the second eight
bits of the read-back data word from MDO. After the 16th clock cycle has been completed, MS is held high for
the next write or read operation. MDO remains in a high impedance state except during the eight MC clock
periods of the actual data transfer.
(1) X = Don't care.
Figure 49. Register Read Operation
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com