Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 5Page - Texas Instruments PCM3168APAP Datasheet HTML 6Page - Texas Instruments PCM3168APAP Datasheet HTML 7Page - Texas Instruments PCM3168APAP Datasheet HTML 8Page - Texas Instruments PCM3168APAP Datasheet HTML 9Page - Texas Instruments PCM3168APAP Datasheet HTML 10Page - Texas Instruments PCM3168APAP Datasheet HTML 11Page - Texas Instruments PCM3168APAP Datasheet HTML 12Page - Texas Instruments PCM3168APAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
TERMINAL FUNCTIONS
TERMINAL
PULL-
5-V
NAME
PIN
I/O
DOWN
TOLERANT
DESCRIPTION
VCOMAD
1
—
No
No
ADC analog common voltage decoupling
AGNDAD2
2
—
No
No
Analog ground 2 for ADC
VCCAD2
3
—
No
No
ADC analog power supply 2, +5 V
RST
4
I
Yes
Yes
Reset and power-down control input with active low
OVF
5
O
No
No
Overflow flag output for ADC
LRCKAD
6
I/O
Yes
No
Audio data word clock input/output for ADC
BCKAD
7
I/O
Yes
No
Audio data bit clock input/output for ADC
DOUT1
8
O
No
No
Audio data digital output for ADC1 and ADC2
DOUT2
9
O
No
No
Audio data digital output for ADC3 and ADC4
DOUT3
10
O
No
No
Audio data digital output for ADC5 and ADC6
DGND2
11
—
No
No
Digital ground 2
VDD2
12
—
No
No
Digital power supply 2, +3.3 V
ZERO
13
O
No
No
Zero detect flag output for DAC
VCCDA1
14
—
No
No
DAC analog power supply 1, +5 V
VCOMDA
15
—
No
No
DAC voltage common decoupling
AGNDDA1
16
—
No
No
Analog ground 1 for DAC
VOUT8+
17
O
No
No
Positive analog output from DAC8
VOUT8–
18
O
No
No
Negative analog output from DAC8
VOUT7+
19
O
No
No
Positive analog output from DAC7
VOUT7–
20
O
No
No
Negative analog output from DAC7
VOUT6+
21
O
No
No
Positive analog output from DAC6
VOUT6–
22
O
No
No
Negative analog output from DAC6
VOUT5+
23
O
No
No
Positive analog output from DAC5
VOUT5–
24
O
No
No
Negative analog output from DAC5
VOUT4+
25
O
No
No
Positive analog output from DAC4
VOUT4–
26
O
No
No
Negative analog output from DAC4
VOUT3+
27
O
No
No
Positive analog output from DAC3
VOUT3–
28
O
No
No
Negative analog output from DAC3
VOUT2+
29
O
No
No
Positive analog output from DAC2
VOUT2–
30
O
No
No
Negative analog output from DAC2
VOUT1+
31
O
No
No
Positive analog output from DAC1
VOUT1–
32
O
No
No
Negative analog output from DAC1
AGNDDA2
33
—
No
No
Analog ground 2 for DAC
VCCDA2
34
—
No
No
DAC analog power supply 2, +5 V
LRCKDA
35
I/O
Yes
No
Audio data word clock input/output for DAC
BCKDA
36
I/O
Yes
No
Audio data bit clock input/output for DAC
DIN1
37
I
No
No
Audio data input for DAC1 and DAC2
DIN2
38
I
No
No
Audio data input for DAC3 and DAC4
DIN3
39
I
No
No
Audio data input for DAC5 and DAC6
DIN4
40
I
No
No
Audio data Input for DAC7 and DAC8
SCKI
41
I
No
Yes
System clock input
MC/SCL/FMT
42
I
No
Yes
Clock for SPI, clock for I2C, format select for hardware control mode
Input data for SPI, data for I2C(1), de-emphasis control for hardware
MDI/SDA/DEMP
43
I/O
No
Yes
control mode
(1)
Open-drain configuration in I2C.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com