Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAP Datasheet(HTML) 5 Page - Texas Instruments

  PCM3168APAP Datasheet HTML 1Page - Texas Instruments PCM3168APAP Datasheet HTML 2Page - Texas Instruments PCM3168APAP Datasheet HTML 3Page - Texas Instruments PCM3168APAP Datasheet HTML 4Page - Texas Instruments PCM3168APAP Datasheet HTML 5Page - Texas Instruments PCM3168APAP Datasheet HTML 6Page - Texas Instruments PCM3168APAP Datasheet HTML 7Page - Texas Instruments PCM3168APAP Datasheet HTML 8Page - Texas Instruments PCM3168APAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
ELECTRICAL CHARACTERISTICS: ADC Characteristics
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
All specifications at TA = +25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz,
SCKI = 512 fS, 24-bit data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless
otherwise noted.
PCM3168A, PCM3168A-Q1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CHARACTERISTICS
Resolution
16
24
Bits
0.2 ×
VIN = 0 dB, Single-ended
VRMS
VCCAD1
Full-scale input voltage
0.4 ×
VIN = 0 dB, Differential
VRMS
VCCAD1
0.5 ×
Center voltage
V
VCCAD1
Input impedance
45
k
Ω
Common-mode rejection ratio
80
dB
DC ACCURACY
Gain mismatch channel-to-channel
Full-scale input, VIN
±2.0
±6
% of FSR
Gain error
Full-scale input, VIN
±2.0
±6
% of FSR
Bipolar zero error
High-pass filter bypass, VIN
±1.0
% of FSR
DYNAMIC PERFORMANCE(1)(2)
fS = 48 kHz, Differential
–93
–87
dB
fS = 96 kHz, Differential
–93
dB
THD+N, VIN = –1 dB
fS = 48 kHz, Single-ended
–93
dB
fS = 96 kHz, Single-ended
–93
dB
fS = 48 kHz, A-weighted, differential
100
107
dB
fS = 96 kHz, A-weighted, differential
107
dB
fS = 48 kHz, A-weighted,
Dynamic range
104
dB
single-ended
fS = 96 kHz, A-weighted,
104
dB
single-ended
fS = 48 kHz, A-weighted, differential
100
107
dB
fS = 96 kHz, A-weighted, differential
107
dB
fS = 48 kHz, A-weighted,
S/N ratio
104
dB
single-ended
fS = 96 kHz, A-weighted,
104
dB
single-ended
fS = 48 kHz, Differential
98
104
dB
fS = 96 kHz, Differential
104
dB
Channel separation
(between one channel and others)
fS = 48 kHz, Single-ended
101
dB
fS = 96 kHz, Single-ended
101
dB
(1)
In differential mode at VINx± pin, fIN = 1 kHz, using Audio Precision System II, RMS mode with 20-kHz low-pass filter and 400-Hz
high-pass filter.
(2)
fS = 48 kHz : SCKI = 512 fS (single), fS = 96 kHz : SCKI = 256 fS (dual), fS = 192 kHz : SCKI = 128 fS (quad).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com