Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAP Datasheet(HTML) 3 Page - Texas Instruments

  PCM3168APAP Datasheet HTML 1Page - Texas Instruments PCM3168APAP Datasheet HTML 2Page - Texas Instruments PCM3168APAP Datasheet HTML 3Page - Texas Instruments PCM3168APAP Datasheet HTML 4Page - Texas Instruments PCM3168APAP Datasheet HTML 5Page - Texas Instruments PCM3168APAP Datasheet HTML 6Page - Texas Instruments PCM3168APAP Datasheet HTML 7Page - Texas Instruments PCM3168APAP Datasheet HTML 8Page - Texas Instruments PCM3168APAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
Over operating free-air temperature range (unless otherwise noted).
PCM3168A, PCM3168A-Q1
UNIT
Supply voltage: VCCAD1, VCCAD2, VCCDA1, VCCDA2
–0.3 to +6.5
V
Supply voltage: VDD1, VDD2
–0.3 to +4.0
V
Ground voltage differences:
±0.1
V
AGNDAD1, AGNDAD2, AGNDDA1, AGNDDA2, DGND1, DGND2
Supply voltage differences: VCCAD1, VCCAD2, VCCDA1, VCCDA2
±0.1
V
Supply voltage differences: VDD1, VDD2
±0.1
V
Digital input voltage: RST, MS, MC, MDI, SCK
–0.3 to +6.5
V
Digital input voltage:
–0.3 to (VDD + 0.3) < +4.0
V
BCKAD/DA, LRCKAD/DA, DIN1/2/3/4, DOUT1/2/3, MODE, OVF, ZERO, MDO
Analog input voltage: VIN1-6±, VCOMAD/DA, VOUT1-8±, VREFAD1/2
–0.3 to (VCC + 0.3) < +6.5
V
Input current (all pins except supplies)
±10
mA
Ambient temperature range (under bias)
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Lead temperature (soldering, 5s)
+260
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Over operating free-air temperature range (unless otherwise noted).
PCM3168A, PCM3168A-Q1
PARAMETER
MIN
TYP
MAX
UNIT
Analog supply voltage, VCC
4.5
5.0
5.5
V
Digital supply voltage, VDD
3.0
3.3
3.6
V
Digital Interface
LVTTL compatible
Sampling frequency,
8
96/192(1)
kHz
LRCKAD/LRCKDA(1)
Digital input clock frequency
System clock frequency, SCKI
2.048
36.864
MHz
Single-ended
1
VRMS
Analog input level
Differential
2
VRMS
Analog output voltage
Differential
8
VPP
To ac-coupled GND
5
k
Ω
Analog output load resistance
To dc-coupled GND
15
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
PCM3168A Consumer grade
–40
+25
+85
°C
Operating free-air temperature
PCM3168A-Q1 Automotive audio grade
–40
+25
+105
°C
(1)
192 kHz is supported only for DAC.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com