Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAP Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 34Page - Texas Instruments PCM3168APAP Datasheet HTML 35Page - Texas Instruments PCM3168APAP Datasheet HTML 36Page - Texas Instruments PCM3168APAP Datasheet HTML 37Page - Texas Instruments PCM3168APAP Datasheet HTML 38Page - Texas Instruments PCM3168APAP Datasheet HTML 39Page - Texas Instruments PCM3168APAP Datasheet HTML 40Page - Texas Instruments PCM3168APAP Datasheet HTML 41Page - Texas Instruments PCM3168APAP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
REGISTER DEFINITIONS
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
64
40
MRST
SRST
—
—
—
—
SRDA1
SRDA0
MRST
Mode control register reset for the ADC and DAC
This bit sets the mode control register reset to the default value. Pop-noise may be generated.
Returning the MRST bit to '1' is unneccesary, because it is automatically set to '1' after the mode
control register is reset.
Default value = 1.
MRST
Mode control register reset
0
Set default value
1
Normal operation (default)
SRST
System reset for the ADC and DAC
This bit controls system reset, the relation between system clock and sampling clock
re-synchronization, and ADC operation and DAC operation restart. The mode control register is
not reset and the PCM3168A and PCM3168A-Q1 do not go into a power-down state. The fade-in
sequence is supported in the resume process, but pop-noise may be generated. Returning the
SRST bit to '1' is unneccesary; it is automatically set to '1' after triggering a system reset.
Default value = 1.
SRST
System reset
0
Resynchronization
1
Normal operation (default)
SRDA[1:0]
DAC Sampling mode select
These bits control the sampling mode of DAC operation. In Auto mode, the sampling mode is
automatically set according to multiples between the system clock and sampling clock, single rate
for 512 fS and 768 fS, dual rate for 256 fS or 384 fS, and quad rate for 128 fS and 192 fS.
Default value = 00.
SRDA
DAC Sampling mode select
00
Auto (default)
01
Single rate
10
Dual rate
11
Quad rate
38
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com