Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 6Page - Texas Instruments PCM3168APAP Datasheet HTML 7Page - Texas Instruments PCM3168APAP Datasheet HTML 8Page - Texas Instruments PCM3168APAP Datasheet HTML 9Page - Texas Instruments PCM3168APAP Datasheet HTML 10Page - Texas Instruments PCM3168APAP Datasheet HTML 11Page - Texas Instruments PCM3168APAP Datasheet HTML 12Page - Texas Instruments PCM3168APAP Datasheet HTML 13Page - Texas Instruments PCM3168APAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
PULL-
5-V
NAME
PIN
I/O
DOWN
TOLERANT
DESCRIPTION
Output data for SPI(2), address select 1 for I2C, mode select 1 for
MDO/ADR1/MD1
44
I/O
No
No
hardware control mode
Chip select for SPI, address select 0 for I2C, mode select 0 for
MS/ADR0/MD0
45
I
Yes
Yes
hardware control mode
VDD1
46
—
No
No
Digital power supply 1, +3.3 V
DGND1
47
—
No
No
Digital ground 1
Control port mode selection. Tied to VDD: SPI, pull-up: H/W
MODE
48
I
No
No
single-ended input, pull-down: H/W and differential input, tied to
DGND: I2C
VCCAD1
49
—
No
No
ADC analog power supply 1, +5 V
AGNDAD1
50
—
No
No
Analog ground 1 for ADC
VIN1–
51
I
No
No
Negative analog input to ADC1
VIN1+
52
I
No
No
Positive analog input to ADC1
VIN2–
53
I
No
No
Negative analog input to ADC2
VIN2+
54
I
No
No
Positive analog input to ADC2
VIN3–
55
I
No
No
Negative analog input to ADC3
VIN3+
56
I
No
No
Positive analog input to ADC3
VIN4–
57
I
No
No
Negative analog input to ADC4
VIN4+
58
I
No
No
Positive analog input to ADC4
VREFAD1
59
—
No
No
ADC analog reference voltage 1 decoupling
VREFAD2
60
—
No
No
ADC analog reference voltage 2 decoupling
VIN5–
61
I
No
No
Negative analog input to ADC5
VIN5+
62
I
No
No
Positive analog input to ADC5
VIN6–
63
I
No
No
Negative analog input to ADC6
VIN6+
64
I
No
No
Positive analog input to ADC6
(2)
3-state (Hi-Z) operation in SPI.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com