Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 2Page - NXP Semiconductors SSL1750T Datasheet HTML 3Page - NXP Semiconductors SSL1750T Datasheet HTML 4Page - NXP Semiconductors SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors SSL1750T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
6 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.1.1 Start-up and undervoltage lockout
Initially the capacitor on pin VCC is charged from the high voltage mains via pin HV.
As long as VCC is below Vtrip, the charge current is low. This protects the IC in case pin
VCC is shorted to ground. For a short start-up time the charge current above Vtrip is
increased until VCC reaches Vth(UVLO). If VCC is between Vth(UVLO) and Vstartup, the charge
current is low again, ensuring a low duty cycle during fault conditions.
The control logic activates the internal circuitry and switches off the charge current when
the voltage on pin VCC passes the Vstartup level. First, the output on pin LATCH is activated
and the soft-start capacitors on the pins PFCSENSE and FBSENSE are charged. When
the voltage on pin LATCH exceeds the Ven(LATCH) voltage and the soft-start capacitor on
pin PFCSENSE is charged, the PFC circuit is activated. The supply current from the pin
HV is then switched on again and the PFC circuit charges the Cbus capacitor. When the
voltage on pin VOSENSE reaches the Vstart(fb) level, the charge current is switched off and
the flyback converter is activated (providing the soft-start capacitor on pin FBSENSE is
charged). The output voltage of the flyback converter is then regulated to its nominal
output voltage. The IC supply is taken over by the auxiliary winding of the flyback
converter. See Figure 5.
When the PFC is started, there is initially no supply takeover from the auxiliary winding. To
make a small VCC capacitor possible, the VCC voltage is regulated to the Vstartup level, as
long as the flyback converter has not yet started. Regulation is done by hysteretic control
with a limited (high level) charge current. The hysteresis is typically 300 mV.
If during start-up pin LATCH does not reach the Ven(LATCH) level before VCC reaches
Vth(UVLO), its output is deactivated and the charge current is switched on again.
Fig 4.
Typical configuration of SSL1750
12
11
9
16 13
8
6
7
3
2
10
4
1
SSL1750T
014aaa350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com